Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1A Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # E1A
Description  GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

E1A Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  E1A Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. E1A Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EA TH U E M
1R
1
GLASS PASSIVATED
SUPER FAST RECOVERY RECTIFIER
Reverse Voltage: 50 to 1000 Volts
Forward Current:1.0Ampere
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note: 1.Test conditions: I 0.5A,I =1.0A,I =0.25A.
F=
R
RR
(Rating at 25 C ambient temperature unless otherwise specified.Single phase ,half wave ,60H ,resistive or inductive
load. For capacitive load,derate current by 20%.)
°
Z
2.Measured at 1MH and applied reverse voltage of 4.0 Volts D.C.
Z
FEATURES
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Volts
Volts
Volts
pF
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
trr
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at T =100 C
L
°
Maximum Instantaneous Forward Voltage
at 1.0 A
Operating junction and storage temperature
range
Maximum reverse recovery time(Note1)
Typical junction capacitance(Note2)
Maximum DC Reverse Current
at rated DC blocking voltage
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-55 to+150
35
15.0
5.0
°C
TJ
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
30 0
.
1.3
A
1.0
R
SEMICONDUCT OR
Symbols
Units
E1A
Glass passivated junction
For Surface Mount Applications, Easy to pick and place
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
E1B
E1D
E1G
E1J
E1K
E1M
T =25 C
T =125 C
A
A
°
°
100
Component in accordance to RoHS 2011 65 EU
//
High temperature soldering guaranteed:260°C/10 seconds at terminals,
ns
Case:
FL molded plastic
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:
SOD-123
0.01 gram
0.95
1.70
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
2-1
JF
SOD-123FL
Dimensions in inches and (millimeters)
0.039(1.00 )
0.020(0.50)
0.077(1.95 )
0.054(1.38)
0.114(2.90 )
0.098(2.50)
0.154(3.90)
0.138(3.50)
0.010(0.25)
MAX
5
°
0.052(1.33)
0.031(0.8)
0.010(0.25)
MIN
Thermal resistance from junction to ambient
R JA
℃/W
150


Similar Part No. - E1A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Kwang Myoung I.S. CO.,L...
E1A KISEMICONDUCTOR-E1A Datasheet
5Mb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
E1A DYELEC-E1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
   Super Fast Recovery Rectifier Diode
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
   Super Fast Recovery Rectifier Diode
More results

Similar Description - E1A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Kwang Myoung I.S. CO.,L...
E1A KISEMICONDUCTOR-E1A Datasheet
5Mb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Comchip Technology
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF20C01CF-G COMCHIP-SF20C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
SF6A01 YENYO-SF6A01 Datasheet
807Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF10C01C YENYO-SF10C01C Datasheet
678Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF501G YENYO-SF501G Datasheet
1Mb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Unisonic Technologies
SF26G UTC-SF26G Datasheet
156Kb / 4P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SF10A01F YENYO-SF10A01F Datasheet
837Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com