Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7815-500 Datasheet(PDF) 4 Page - CUI INC

Part # V7815-500
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V7815-500 Datasheet(HTML) 4 Page - CUI INC

  V7815-500 Datasheet HTML 1Page - CUI INC V7815-500 Datasheet HTML 2Page - CUI INC V7815-500 Datasheet HTML 3Page - CUI INC V7815-500 Datasheet HTML 4Page - CUI INC V7815-500 Datasheet HTML 5Page - CUI INC V7815-500 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: V78-500 │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date
11/08/2012 │ page 4 of 6
TYPICAL APPLICATION CIRCUIT
TEST CIRCUIT
+
+Vin
GND
+Vout
0V
DC Power
Source
-
Current
Meter
Voltage
Meter
Cin
DC/DC
Converter
Cout
Twisted
30cm, 18AWG A
B
C01
C02
AA
A
BB
B
+
-
+
Current
Meter
Voltage
Meter
Electronic
Load
20MHz
Oscilloscope
1. Cin = 10
μF / 50V for 500mA and 22μF / 50V for 1A, Cout = 100μF / 16V.
2. C01 = 10
μF / 50V Electrolytic, C02 = 0.1μF / 50V Ceramic.
3. All points labeled A refer to one junction.
4. All points labeled B refer to one junction.
5. Use a short ground loop for probing. Do not use a wired ground clip.
1. C1 and C2 are required and should be fitted close to the converter pins
2. For the capatance of C1 and C2, see the external capacitor table. Low ESR types should be chosen
3. C3: a low ESR capacitor is required to keep the noise at the converter to a minimum. Ceramic capacitors are preffered, but tantalum of
low ESR electrolytic capacitors may also suffice; General use 10μF/50V ceramic capacitor. C4 Optional, General use 100μF/25V
electrolytic capacitor.
4. No parallel connection or plug and play
For more information, please visit the product page.


Similar Part No. - V7815-500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7815-500 CUI-V7815-500 Datasheet
410Kb / 6P
   DC switching regulator, non-isolated
V7815-500 CUI-V7815-500 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V7815-500-SMT CUI-V7815-500-SMT Datasheet
499Kb / 5P
   DC switching regulator, non-isolated
V7815-500-SMT CUI-V7815-500-SMT Datasheet
633Kb / 8P
   NON-ISOLATED SWITCHING REGULATOR
V7815-500-SMT2 CUI-V7815-500-SMT2 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
More results

Similar Description - V7815-500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com