Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUZ3-D12-S5-D Datasheet(PDF) 5 Page - CUI INC

Part # PUZ3-D12-S5-D
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PUZ3-D12-S5-D Datasheet(HTML) 5 Page - CUI INC

  PUZ3-D12-S5-D Datasheet HTML 1Page - CUI INC PUZ3-D12-S5-D Datasheet HTML 2Page - CUI INC PUZ3-D12-S5-D Datasheet HTML 3Page - CUI INC PUZ3-D12-S5-D Datasheet HTML 4Page - CUI INC PUZ3-D12-S5-D Datasheet HTML 5Page - CUI INC PUZ3-D12-S5-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PUZ3-D │ DESCRIPTION: DC-DC CONVERTER
date 08/12/2015
│ page 5 of 6
1. Output load requirement
To ensure this module can operate efficiently and reliably, the minimum output load may not be less than 5% of the full load during
operation. If the actual output power is low, connect a resistor at the output end in parallel to increase the load.
2. Recommended circuit
This series has been tested according to the following recommended testing circuit before leaving the factory. This series should be
tested under load (see Figure 2 & Table 2). If you want to further decrease the input/output ripple, you can increase the capacitance
accordingly or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be appropriate. If the
capacitance is too high, a startup problem might arise. For every channel of the output, to ensure safe and reliable operation, the
maximum capacitance must be less than the maximum capacitive load (see Table 3).
3. Input Current
When it is used in an unregulated condition, make sure that the input fluctuations and ripple voltage do not exceed the module
standard. Refer to Figure 3 and Table 4 for the startup current of this dc-dc module.
Figure 2
Figure 3
Table 4
Note:
1. Minimum load shouldn't be less than 5%, otherwise ripple may increase dramatically. Operation under minimum load will not damage the converter, however, they may
not meet all specifications listed.
2. Maximum capacitive load is tested at input voltage range and full load.
3. All specifications are measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
Range
InputVoltage
InputVoltage (V)
Ip
Vin
(Vdc)
Ip
(mA)
5
1400
12
620
24
310
48
150
DC
DC
Vin
GND
+Vo
0V
Cin
Cout
Vin
GND
+Vo
0V
Cin
Cout
DC
DC
-Vo
Cout
Dual Output
Single Output
Single
Vout
(Vdc)
Max. Capacitive
Load
(μF)
Dual
Vout
(Vdc)
Max. Capacitive
Load1
(μF)
3.3
4700
--
--
5
4700
5
2200
12
2700
9
2000
15
2200
12
1800
24
1800
15
1000
Table 3
APPLICATION NOTES
Table 2
Vin
(Vdc)
Cin
(µF)
Cout
(µF)
5
100
10
12
100
10
24
10~47
10
48
10~47
10
Note:
1. For each output.
For more information, please visit the product page.


Similar Part No. - PUZ3-D12-S5-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PUZ3-D12-S5-D CUI-PUZ3-D12-S5-D Datasheet
924Kb / 6P
   DC-DC CONVERTER
07/20/2021
More results

Similar Description - PUZ3-D12-S5-D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com