Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V78X6-500 Datasheet(PDF) 3 Page - CUI INC

Part # V78X6-500
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V78X6-500 Datasheet(HTML) 3 Page - CUI INC

  V78X6-500 Datasheet HTML 1Page - CUI INC V78X6-500 Datasheet HTML 2Page - CUI INC V78X6-500 Datasheet HTML 3Page - CUI INC V78X6-500 Datasheet HTML 4Page - CUI INC V78X6-500 Datasheet HTML 5Page - CUI INC V78X6-500 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: V78-500 │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date
11/08/2012 │ page 3 of 6
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
0.689 x 0.354 x 0.453 (11.50 x 9.00 x 17.50 mm)
inch
case material
plastic (UL94-V0)
weight
2.0
g
Front View
Bottom View
Side View
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
GND
3+Vo
units: mm [inches]
tolerance: ±0.25 [±0.010]
pin section tolerance: ±0.10 mm [±0.004]
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60 71
85
100
120
DERATING CURVES
1. output power vs. ambient temperature
For more information, please visit the product page.


Similar Part No. - V78X6-500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78X6-500 CUI-V78X6-500 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
More results

Similar Description - V78X6-500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com