Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71016S15PHG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT71016S15PHG
Description  CMOS Static RAM 1 Meg (64K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71016S15PHG Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT71016S15PHG Datasheet HTML 1Page - Integrated Device Technology IDT71016S15PHG Datasheet HTML 2Page - Integrated Device Technology IDT71016S15PHG Datasheet HTML 3Page - Integrated Device Technology IDT71016S15PHG Datasheet HTML 4Page - Integrated Device Technology IDT71016S15PHG Datasheet HTML 5Page - Integrated Device Technology IDT71016S15PHG Datasheet HTML 6Page - Integrated Device Technology IDT71016S15PHG Datasheet HTML 7Page - Integrated Device Technology IDT71016S15PHG Datasheet HTML 8Page - Integrated Device Technology IDT71016S15PHG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6.42
IDT71016, CMOS Static RAM
1 Meg (64K x 16-bit)
Commercial and Industrial Temperature Ranges
3
DC Electrical Characteristics(1)
(VCC = 5.0V ± 10%, VLC = 0.2V, VHC = VCC–0.2V)
Absolute Maximum Ratings(1)
Capacitance
(TA = +25° C, f = 1.0MHz, SOJ Package)
Recommended DC Operating
Conditions
DC Electrical Characteristics
(VCC = 5.0V ± 10%, Commercial and Industrial Temperature Range)
NOTE:
1. VIL (min.) = –1.5V for pulse width less than tRC/2, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
VDD +0.5
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
3210 tbl 05
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
6
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
3210 tbl 06
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VCC + 0.5V.
Symbol
Rating
Value
Unit
VTERM(2)
Terminal Voltage with
Respect to GND
-0.5 to +7.0
V
TA
Operating Temperature
0 to +70
oC
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-55 to +125
oC
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
3210 tbl 03
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VCC = Max., VIN = GND to VCC
___
5µ A
|ILO|
Output Leakage Current
VCC = Max.,
CS = VIH, VOUT = GND to VCC
___
5µ A
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
___
0.4
V
VOH
Output High Voltage
IOH = -4mA, VCC = Min.
2.4
___
V
3210 tbl 07
NOTES:
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing .
71016S12
71016S15
71016S20
Symbol
Parameter
Com'l.
Ind.
Com'l.
Ind.
Com'l.
Ind.
Unit
ICC
Dynamic Operating Current
CS < VIL, Outputs Open, VCC = Max., f = fMAX(2)
210
210
180
180
170
170
mA
ISB
Standby Power Supply Current (TTL Level)
CS > VIH, Outputs Open, VCC = Max., F = fMAX(2)
60
60
50
50
45
45
mA
ISB1
Standby Power Supply Current (CMOS Level)
CS > VHC, Outputs Open, VCC = Max., f = 0(2)
VIN < VLC or VIN > VHC
10
10
10
10
10
10
mA
3210 tbl 08
Grade
Temperature
GND
VCC
Commercial
0°C to +70°C
0V
5.0V ± 10%
Industrial
–40°C to +85°C
0V
5.0V ± 10%
3210 tbl 04
Recommended Operating
Temperature and Supply Voltage


Similar Part No. - IDT71016S15PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT71016S15PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com