Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUZ3-D5-S5-D Datasheet(PDF) 1 Page - CUI INC

Part # PUZ3-D5-S5-D
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PUZ3-D5-S5-D Datasheet(HTML) 1 Page - CUI INC

  PUZ3-D5-S5-D Datasheet HTML 1Page - CUI INC PUZ3-D5-S5-D Datasheet HTML 2Page - CUI INC PUZ3-D5-S5-D Datasheet HTML 3Page - CUI INC PUZ3-D5-S5-D Datasheet HTML 4Page - CUI INC PUZ3-D5-S5-D Datasheet HTML 5Page - CUI INC PUZ3-D5-S5-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 08/12/2015
page 1 of 6
SERIES: PUZ3-D
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 6
FEATURES
• 3 W isolated output
• smaller package
• single/dual regulated output
• 1,500 Vdc isolation
• short circuit protection
• temperature range (-40~105°C)
• UL 60950-1 approval
• high efficiency at light load
• efficiency up to 86%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise2
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PUZ3-D5-S5-D
5
4.5~9
5
30
600
3
80
74
PUZ3-D5-S12-D
5
4.5~9
12
12
250
3
80
77
PUZ3-D5-S15-D
5
4.5~9
15
10
200
3
80
77
PUZ3-D5-D5-D
5
4.5~9
±5
±15
±300
3
80
76
PUZ3-D5-D12-D
5
4.5~9
±12
±6
±125
3
80
78
PUZ3-D5-D15-D
5
4.5~9
±15
±5
±100
3
80
78
PUZ3-D12-S3-D
12
9~18
3.3
46
909
3
80
74
PUZ3-D12-S5-D
12
9~18
5
30
600
3
80
81
PUZ3-D12-S12-D
12
9~18
12
12
250
3
80
83
PUZ3-D12-S15-D
12
9~18
15
10
200
3
80
82
PUZ3-D12-S24-D
12
9~18
24
6
125
3
80
83
PUZ3-D12-D5-D
12
9~18
±5
±15
±300
3
80
81
PUZ3-D12-D9-D
12
9~18
±9
±8
±166
3
80
84
PUZ3-D12-D12-D
12
9~18
±12
±6
±125
3
80
84
PUZ3-D12-D15-D
12
9~18
±15
±5
±100
3
80
85
PUZ3-D24-S3-D
24
18~36
3.3
46
909
3
80
78
PUZ3-D24-S5-D1
24
18~36
5
30
600
3
80
81
PUZ3-D24-S12-D
24
18~36
12
12
250
3
80
86
PUZ3-D24-S15-D
24
18~36
15
10
200
3
80
86
PUZ3-D24-S24-D
24
18~36
24
6
125
3
80
85
PUZ3-D24-D5-D
24
18~36
±5
±15
±300
3
80
82
PUZ3-D24-D12-D
24
18~36
±12
±6
±125
3
80
84
PUZ3-D24-D15-D
24
18~36
±15
±5
±100
3
80
84
PUZ3-D48-S3-D
48
36~75
3.3
46
909
3
80
76
PUZ3-D48-S5-D
48
36~75
5
30
600
3
80
82
PUZ3-D48-S12-D
48
36~75
12
12
250
3
80
86
PUZ3-D48-S15-D
48
36~75
15
10
200
3
80
86
Notes:
1. UL approved
2. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
For more information, please visit the product page.


Similar Part No. - PUZ3-D5-S5-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PUZ3-D5-S5-D CUI-PUZ3-D5-S5-D Datasheet
924Kb / 6P
   DC-DC CONVERTER
07/20/2021
More results

Similar Description - PUZ3-D5-S5-D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com