Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK15-D5-D12 Datasheet(PDF) 4 Page - CUI INC

Part # PK15-D5-D12
Description  dc-dc converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PK15-D5-D12 Datasheet(HTML) 4 Page - CUI INC

  PK15-D5-D12 Datasheet HTML 1Page - CUI INC PK15-D5-D12 Datasheet HTML 2Page - CUI INC PK15-D5-D12 Datasheet HTML 3Page - CUI INC PK15-D5-D12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
4 of 4
06/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: PK15
APPLICATION NOTES
1. OUTPUT TRIMMING
The output voltages are preset to nominal values as indicated by the models table at the factory. If desired, the output voltage may
optionally be trimmed to a different value (+/- 10%) with external resistors and/or potentiometer as shown below.
To trim the output voltage with fixed resistors, the output voltage can be calculated as follows.
Trim-Up
Trim-Down
FIGURE 2: TRIM-UP VOLTAGE SETUP
FIGURE 3: TRIM-DOWN VOLTAGE SETUP
The value of Rtrim-up is defined as:
The value of Rtrim-down is defined as:
Where: Rtrim-up is the external resistor in KΩ. Vo is the
Where: Rtrim-down is the external resistor in KΩ. Vo is the
desired output voltage. R1 and R2 and Vr are internal to
desired output voltage. R1 and R2 and Vr are internal to
the unit and are defined in Table 1. For example to trim up
the unit and are defined in Table 1. For example to trim down
the PK15-D5-D12 up by 5% to 25.2 V, Rtrim-up is calculated
the PK15-D5-D12 down by 5% to 22.8 V, Rtrim-down is calculated
as follows:
as follows:
R load
10KW
Trimpot
+Vin
-Vin
-Vo
Trim
+Vo
FIGURE 1. TRIMMING WITH
EXTERNAL POTENTIOMETER
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
1.25
Vr (V)
2.43
2.43
2.43
2.43
2.49
2.49
2.43
12.7
0.24
R2 (K
Ω)
Model
*PK15-D48-S3.3
*PK15-D5-S3.3
PK15-DXX-D15
PK15-DXX-D12
PK15-DXX-D5
PK15-DXX-S15
PK15-DXX-S12
PK15-DXX-S5
PK15-DXX-S3.3
0.787
0.787
26.7
21
7.5
12.7
9.31
12.7
0.402
R1 (K
Ω)
Table 1
R load
R trim-up
+Vin
-Vin
+Vo
Trim
-Vo
R load
R trim-down
+Vin
-Vin
+Vo
Trim
-Vo
Vo = 25.2 / R1 = 21 KΩ / R2 = 2.43 KΩ / Vr = 2.5
=
=
Rtrim_up
47.94 KΩ
2.43 · (25.2 - 2.5) - 2.5 · 21
2.5 · 21 · 2.43
Vo = 22.8 / R1 = 21 KΩ / R2 = 2.43 KΩ / Vr = 2.5
=
=
Rtrim_down
326.68 KΩ
2.5 - 2.1 (22.8 - 2.5) · 2.43
(22.8 - 2.5) · 21 · 2.43
=
Rtrim_up
R2 · (Vo - Vr) - Vr · R1
Vr · R1 · R2
=
Rtrim_down
Vr · R1 - (Vo - Vr) · R2
(Vo - Vr) · R1 · R2
For more information, please visit the product page.


Similar Part No. - PK15-D5-D12

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
PK15 WILLOW-PK15 Datasheet
936Kb / 2P
   Pulstors Resistors for high voltage peak pulsing energy control , high frequency non-inductive
logo
List of Unclassifed Man...
PK15GTAL ETC2-PK15GTAL Datasheet
63Kb / 1P
   LOAD CENTER EQUIPMENT GRD BAR W/CU LUG
More results

Similar Description - PK15-D5-D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com