Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS1-S5-S5-S Datasheet(PDF) 2 Page - CUI INC

Part # PDS1-S5-S5-S
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDS1-S5-S5-S Datasheet(HTML) 2 Page - CUI INC

  PDS1-S5-S5-S Datasheet HTML 1Page - CUI INC PDS1-S5-S5-S Datasheet HTML 2Page - CUI INC PDS1-S5-S5-S Datasheet HTML 3Page - CUI INC PDS1-S5-S5-S Datasheet HTML 4Page - CUI INC PDS1-S5-S5-S Datasheet HTML 5Page - CUI INC PDS1-S5-S5-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PDS1-S │ DESCRIPTION: DC-DC CONVERTER
date
10/28/2014 │ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
3.3 Vdc input models
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
2.97
4.5
10.8
13.5
21.6
3.3
5
12
15
24
3.63
5.5
13.2
16.5
26.4
Vdc
Vdc
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
3.3 Vdc input models
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
-0.7
-0.7
-0.7
-0.7
-0.7
5
9
18
21
30
Vdc
Vdc
Vdc
Vdc
Vdc
filter
capacitance filter
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
for Vin change of 1%
3.3 Vdc output models
all other models
±1.5
±1.2
%
%
load regulation
measured from 10% load to full load
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
18
12
8
7
6
5
%
%
%
%
%
%
voltage accuracy
see tolerance envelope curve
switching frequency
100% load, nominal input voltage
100
300
kHz
temperature coefficient
100% load
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
automatic recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
input to output at 500 Vdc
1,000
safety approvals1
UL 60950-1
conducted emissions
CISPR22/EN55022, class B (external circuit required, see Figure 1)
radiated emissions
CISPR22/EN55022, class B (external circuit required, see Figure 1)
ESD
IEC/EN61000-4-2, class B, contact ±8kV
MTBF
as per MIL-HDBK-217F @ 25°C
3,500,000
hours
RoHS
2011/65/EU
Note:
1. See specific models noted on page 1
PART NUMBER KEY
PDS1 - SXX - SXX -S
Input Voltage
Output Voltage
Base Number
Packaging Style
SIP
For more information, please visit the product page.


Similar Part No. - PDS1-S5-S5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDS1-S5-S5-S CUI-PDS1-S5-S5-S Datasheet
546Kb / 6P
   DC-DC CONVERTER
PDS1-S5-S5-S CUI-PDS1-S5-S5-S Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/06/2021
More results

Similar Description - PDS1-S5-S5-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com