Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021-15ZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1021-15ZC
Description  64K x 16 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021-15ZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1021-15ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1021-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1021-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1021-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1021-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1021-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1021-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1021-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1021-15ZC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
64K x 16 Static RAM
CY7C1021
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05054 Rev. **
Revised August 24, 2001
021
Features
• High speed
—tAA = 12 ns
• CMOS for optimum speed/power
• Low active power
— 1320 mW (max.)
• Automatic power-down when deselected
• Independent Control of Upper and Lower bits
• Available in 44-pin TSOP II and 400-mil SOJ
Functional Description
The CY7C1021 is a high-performance CMOS static RAM or-
ganized as 65,536 words by 16 bits. This device has an auto-
matic power-down feature that significantly reduces power
consumption when deselected.
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O1 through I/O8), is
written into the location specified on the address pins (A0
through A15). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O9 through I/O16) is written into the location
specified on the address pins (A0 through A15).
Reading from the device is accomplished by taking Chip En-
able (CE) and Output Enable (OE) LOW while forcing the write
enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then
data from the memory location specified by the address pins
will appear on I/O1 to I/O8. If Byte High Enable (BHE) is LOW,
then data from memory will appear on I/O9 to I/O16. See the
truth table at the back of this data sheet for a complete descrip-
tion of read and write modes.
The input/output pins (I/O1 through I/O16) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), the BHE and BLE
are disabled (BHE, BLE HIGH), or during a write operation (CE
LOW, and WE LOW).
The CY7C1021 is available in standard 44-pin TSOP Type II
and 400-mil-wide SOJ packages.
WE
Logic Block Diagram
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
Top View
SOJ / TSOP II
12
13
41
44
43
42
16
15
29
30
VCC
A15
A14
A13
A12
NC
A4
A3
OE
VSS
A5
I/O16
A2
CE
I/O3
I/O1
I/O2
BHE
NC
A1
A0
1021-2
18
17
20
19
I/O4
27
28
25
26
22
21
23
24
NC
VSS
I/O7
I/O5
I/O6
I/O8
A6
A7
BLE
VCC
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
A8
A9
A10
A11
64K x 16
RAM Array
I/O1 – I/O8
A7
A6
A5
A4
A3
A0
COLUMN DECODER
512 X 2048
DATA IN DRIVERS
OE
A2
A1
I/O9 – I/O16
CE
WE
BLE
BHE
Selection Guide
7C1021-10
7C1021-12
7C1021-15
7C1021-20
Maximum Access Time (ns)
10
12
15
20
Maximum Operating Current (mA)
Commercial
220
220
220
220
Maximum CMOS Standby Current (mA)
Commercial
5
5
5
5
L
0.5
0.5
0.5
0.5
Shaded areas contain preliminary information.


Similar Part No. - CY7C1021-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10211B CYPRESS-CY7C10211B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C10211B-10VC CYPRESS-CY7C10211B-10VC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C10211B-10ZC CYPRESS-CY7C10211B-10ZC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C10211BL-10ZC CYPRESS-CY7C10211BL-10ZC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C10211BN-10ZXC CYPRESS-CY7C10211BN-10ZXC Datasheet
474Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com