Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM2Z-25V-P-ZZZ Datasheet(PDF) 3 Page - CUI INC

Part # NDM2Z-25V-P-ZZZ
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-25V-P-ZZZ Datasheet(HTML) 3 Page - CUI INC

  NDM2Z-25V-P-ZZZ Datasheet HTML 1Page - CUI INC NDM2Z-25V-P-ZZZ Datasheet HTML 2Page - CUI INC NDM2Z-25V-P-ZZZ Datasheet HTML 3Page - CUI INC NDM2Z-25V-P-ZZZ Datasheet HTML 4Page - CUI INC NDM2Z-25V-P-ZZZ Datasheet HTML 5Page - CUI INC NDM2Z-25V-P-ZZZ Datasheet HTML 6Page - CUI INC NDM2Z-25V-P-ZZZ Datasheet HTML 7Page - CUI INC NDM2Z-25V-P-ZZZ Datasheet HTML 8Page - CUI INC NDM2Z-25V-P-ZZZ Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
cui.com
date
12/21/2015
│ page 3 of 32
CUI Inc
│ SERIES: NDM2Z-25 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PRODUCT ELECTRICAL SPECIFICATION, HORIZONTAL (CONTINUED)
parameter
conditions/description
min
typ
max
units
output current (I
O)
025
A
static input current at max I
O
(I
S)
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
1.58
2.43
4.13
7.32
A
A
A
A
current limit threshold (I
lim)
27
37.5
A
short circuit current(I
SC)
RMS, hiccup mode,
see note 3
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
8
6
5
4
A
A
A
A
efficiency (η)
50% of max I
O
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
84.4
89.4
93.1
95.2
%
%
%
%
max I
O
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
79.2
85.7
90.8
93.9
%
%
%
%
power dissipation at max I
O (Pd)
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
3.93
4.17
4.55
5.34
W
W
W
W
input idling power (no load)(P
li)
default configuration:
continues conduction
mode, CCM
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
0.56
0.57
0.67
0.92
W
W
W
W
input standby power (P
CTRL)
turned off with CTRL-pin
default configuration:
monitoring enabled,
precise timing enabled
170
mW
internal input capacitance (C
i)
70
μF
internal output capacitance (C
o)
200
μF
total external output
capacitance (C
OUT)
see note 9
300
15,000
μF
ESR range of capacitors
(per single capacitor) (C
OUT)
see note 9
5
30
load transient peak voltage
deviation (L to H/H to L) load
step 25-75-25% of max I
O(Vtr1)
default configuration
di/dt = 2 A/μs C
O = 470
μF (minimum external
capacitance)
see note 12
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
95
105
115
168
mV
mV
mV
mV
load transient recovery time
note 5 (L to H/H to L) load step
25-75-25% of max I
O(ttr1)
default configuration
di/dt = 2 A/μs C
O = 470
μF (minimum external
capacitance)
see note 12
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
V
O = 3.3 V
74
85
122
140
μs
μs
μs
μs
switching frequency (f
s)
320
kHz
switching frequency range (f
s)
PMBus configurable
200-640
kHz
switching frequency set-point
accuracy (f
s)
-5
5
%
control circuit PWM duty cycle
5
95
%
minimum sync pulse width
150
ns
input clock frequency drift
tolerance
external clock source
-13
13
%
For more information, please visit the product page.


Similar Part No. - NDM2Z-25V-P-ZZZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-25V-P-ZZZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com