Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM2Z-50HT-A-ZZZ Datasheet(PDF) 4 Page - CUI INC

Part # NDM2Z-50HT-A-ZZZ
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-50HT-A-ZZZ Datasheet(HTML) 4 Page - CUI INC

  NDM2Z-50HT-A-ZZZ Datasheet HTML 1Page - CUI INC NDM2Z-50HT-A-ZZZ Datasheet HTML 2Page - CUI INC NDM2Z-50HT-A-ZZZ Datasheet HTML 3Page - CUI INC NDM2Z-50HT-A-ZZZ Datasheet HTML 4Page - CUI INC NDM2Z-50HT-A-ZZZ Datasheet HTML 5Page - CUI INC NDM2Z-50HT-A-ZZZ Datasheet HTML 6Page - CUI INC NDM2Z-50HT-A-ZZZ Datasheet HTML 7Page - CUI INC NDM2Z-50HT-A-ZZZ Datasheet HTML 8Page - CUI INC NDM2Z-50HT-A-ZZZ Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
cui.com
date
12/21/2015
│ page 4 of 32
CUI Inc
│ SERIES: NDM2Z-50 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PRODUCT ELECTRICAL SPECIFICATION, HORIZONTAL (CONTINUED)
parameter
conditions/description
min
typ
max
units
input under voltage lockout,
UVLO
UVLO threshold
3.85
V
UVLO threshold range
PMBus configurable
3.85-14
V
set point accuracy
-150
150
mV
UVLO hysteresis
0.35
V
UVLO hysteresis range
PMBus configurable
0-10.15
V
delay
2.5
μs
fault response
see note 3
automatic restart, 70 ms
input over voltage protection,
IOVP
IOVP threshold
16
V
IOVP threshold range
PMBus configurable
4.2-16
V
set point accuracy
-150
150
mV
IOVP hysteresis
1
V
IOVP hysteresis range
PMBus configurable
0-11.8
V
delay
2.5
μs
fault response
see note 3
automatic restart, 70 ms
power good, PG, see note 2
PG threshold
90
%V
o
PG hysteresis
5
%V
o
PG delay
see note 19
direct after DLC
ms
PG delay range
PMBus configurable
0-500
s
output voltage over/under
voltage protection, OVP/UVP
UVP threshold
85
%V
o
UVP threshold range
PMBus configurable
0-100
%V
o
UVP hysteresis
5
%V
o
OVP threshold
115
%V
o
OVP threshold range
PMBus configurable
100-115
%V
o
UVP/OVP response time
25
μs
UVP/OVP
response time range
PMBus configurable
5-60
μs
fault response
see note 3
automatic restart, 70 ms
over current protection, OCP
OCP threshold
62
A
OCP threshold range
PMBus configurable
0-62
A
protection delay
see note 4
32
T
SW
protection delay range
PMBus configurable
1-32
T
SW
fault response
see note 3
automatic restart, 70 ms
over temperature protection,
OTP at P2 see note 8
OTP threshold
120
°C
OTP threshold range
PMBus configurable
-40
125
°C
OTP hysteresis
25
°C
OTP hysteresis range
PMBus configurable
0-165
°C
fault response
see note 3
automatic restart, 240 ms
For more information, please visit the product page.


Similar Part No. - NDM2Z-50HT-A-ZZZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-50HT-A-ZZZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com