Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM3Z-90HS-A-000 Datasheet(PDF) 6 Page - CUI INC

Part # NDM3Z-90HS-A-000
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM3Z-90HS-A-000 Datasheet(HTML) 6 Page - CUI INC

Back Button NDM3Z-90HS-A-000 Datasheet HTML 2Page - CUI INC NDM3Z-90HS-A-000 Datasheet HTML 3Page - CUI INC NDM3Z-90HS-A-000 Datasheet HTML 4Page - CUI INC NDM3Z-90HS-A-000 Datasheet HTML 5Page - CUI INC NDM3Z-90HS-A-000 Datasheet HTML 6Page - CUI INC NDM3Z-90HS-A-000 Datasheet HTML 7Page - CUI INC NDM3Z-90HS-A-000 Datasheet HTML 8Page - CUI INC NDM3Z-90HS-A-000 Datasheet HTML 9Page - CUI INC NDM3Z-90HS-A-000 Datasheet HTML 10Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
cui.com
date
12/23/2015
│ page 6 of 33
CUI Inc
│ MODEL: NDM3Z-90 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PRODUCT ELECTRICAL SPECIFICATION (CONTINUED)
parameter
conditions/description
min
typ
max
units
power good delay (PG)
From VO reaching target to PG assertion
2
ms
power good delay range (PG)
PMBus configurable
POWER_GOOD_DELAY
0
5000
ms
input under voltage protection
threshold (IUVP)
6.4
V
input under voltage protection
threshold range (IUVP)
PMBus configurable
VIN_UV_FAULT_LIMIT
6.4~14
V
input under voltage protection
hysteresis (IUVP)
0.5
V
input under voltage protection
hysteresis range (IUVP)
PMBus configurable
VIN_UV_WARN_LIMIT
0~7.6
V
input under voltage protection
set point accuracy (IUVP)
280
mV
input under voltage protection
response delay (IUVP)
100
μs
input under voltage protection
fault response1 (IUVP)
shutdown, automatic restart
VIN_UV_FAULT_RESPONSE
280
ms
input over voltage protection
threshold (IOVP)
16
V
input over voltage protection
threshold range (IOVP)
PMBus configurable
VIN_OV_FAULT_LIMIT
6.9~16
V
input over voltage protection
hysteresis (IOVP)
1V
input over voltage protection
hysteresis range (IOVP)
PMBus configurable
VIN_OV_WARN_LIMIT
0~9.1
V
input over voltage protection
set point accuracy (IOVP)
280
mV
input over voltage protection
response delay (IOVP)
100
μs
input over voltage protection
fault response1 (IOVP)
shutdown, automatic restart
VIN_OV_FAULT_RESPONSE
280
ms
output under voltage protection
threshold (UVP)
85
%V
O
output under voltage protection
threshold range (UVP)
PMBus configurable
VOUT_UV_FAULT_LIMIT
0~100
%V
O
output over voltage protection
threshold (OVP)
115
%V
O
output over voltage protection
threshold range (OVP)
PMBus configurable
VOUT_OV_FAULT_LIMIT
100~115
%V
O
output over/under
voltage protection response
time (UVP/OVP)
10
μs
output over/under
voltage protection fault
response1 (UVP/OVP)
shutdown, automatic restart
VOUT_UV_FAULT_RESPONSE
VOUT_OV_FAULT_RESPONSE
280
ms
Notes:
1. Automatic restart ~280 ms after fault if the fault is no longer present. Continuous restart attempts if the fault reappear after restart. See Operating Information
for other fault response options.
For more information, please visit the product page.


Similar Part No. - NDM3Z-90HS-A-000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDM3000 FAIRCHILD-NDM3000 Datasheet
246Kb / 12P
   3 Phase Brushless Motor Driver
NDM3001 FAIRCHILD-NDM3001 Datasheet
250Kb / 12P
   3 Phase Brushless Motor Driver
logo
Amphenol Corporation
NDM303C1R1 AMPHENOL-NDM303C1R1 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDM303C1R10 AMPHENOL-NDM303C1R10 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDM303C1R2 AMPHENOL-NDM303C1R2 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
More results

Similar Description - NDM3Z-90HS-A-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com