Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM2Z-50V-A-000 Datasheet(PDF) 1 Page - CUI INC

Part # NDM2Z-50V-A-000
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-50V-A-000 Datasheet(HTML) 1 Page - CUI INC

  NDM2Z-50V-A-000 Datasheet HTML 1Page - CUI INC NDM2Z-50V-A-000 Datasheet HTML 2Page - CUI INC NDM2Z-50V-A-000 Datasheet HTML 3Page - CUI INC NDM2Z-50V-A-000 Datasheet HTML 4Page - CUI INC NDM2Z-50V-A-000 Datasheet HTML 5Page - CUI INC NDM2Z-50V-A-000 Datasheet HTML 6Page - CUI INC NDM2Z-50V-A-000 Datasheet HTML 7Page - CUI INC NDM2Z-50V-A-000 Datasheet HTML 8Page - CUI INC NDM2Z-50V-A-000 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
cui.com
date
12/21/2015
page
1 of 32
SERIES
: NDM2Z-50
│ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PART NUMBER KEY
NDM2Z-50 X - X - XXX
Firmware Configuration:
000~ZZZ
Base Number
Example part number: NDM2Z-50V-A-002
vertical module
4.00 mm pin length
firmware configuration 002
FEATURES
• pin and function compatible with
Architects of Modern Power™
product standards
• compact package, horizontal:
30.85 x 20.0 x 8.2 mm
• compact package, vertical:
33.0 x 7.60 x 18.1 mm
• 50 A output
• high efficiency
• auto compensation
• SMBus interface
• PMBus™ Compatible
MODEL
input voltage
output voltage
output current
output wattage
(Vdc)
(Vdc)
max
(A)
max
(W)
NDM2Z-50
4.5~14
0.6~3.3
50
165
GENERAL CHARACTERISTICS
• 4.5~14 V input range
• 0.6~3.3 V programmable output
• voltage tracking
• voltage margining
• active current sharing
• Snapshot™ parametric capture
• voltage/current/temperature monitoring
• synchronization and phase spreading
• remote differential voltage sense
• programmable soft start and soft stop
• fault management
Pin Configuration:
A = 3.56 mm pin length (HT)
4.0 mm pin length (V)
B = 5.5 mm pin length (V)
Module Orientation and Pin Style:
HS = horizontal, surface mount
HT = horizontal, through hole mount
V = vertical
* HS and HT modules are delivered on tape and reel
* V modules are delivered in trays
For more information, please visit the product page.


Similar Part No. - NDM2Z-50V-A-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-50V-A-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com