Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM2Z-25HT-V-000 Datasheet(PDF) 8 Page - CUI INC

Part # NDM2Z-25HT-V-000
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-25HT-V-000 Datasheet(HTML) 8 Page - CUI INC

Back Button NDM2Z-25HT-V-000 Datasheet HTML 4Page - CUI INC NDM2Z-25HT-V-000 Datasheet HTML 5Page - CUI INC NDM2Z-25HT-V-000 Datasheet HTML 6Page - CUI INC NDM2Z-25HT-V-000 Datasheet HTML 7Page - CUI INC NDM2Z-25HT-V-000 Datasheet HTML 8Page - CUI INC NDM2Z-25HT-V-000 Datasheet HTML 9Page - CUI INC NDM2Z-25HT-V-000 Datasheet HTML 10Page - CUI INC NDM2Z-25HT-V-000 Datasheet HTML 11Page - CUI INC NDM2Z-25HT-V-000 Datasheet HTML 12Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
cui.com
date
12/21/2015
│ page 8 of 32
CUI Inc
│ SERIES: NDM2Z-25 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Load Transient vs. External Capacitance, VO = 1.0 V
Load Transient vs. External Capacitance, VO = 3.3 V
Load transient peak voltage deviation vs. external capacitance.
Step (6.25-18.75-6.25 A). Parallel coupling of capacitors with 470 μF/10 mΩ,
TP1 = +25 °C, VI = 12 V, VO = 1.0 V, fsw = 320 kHz, di/dt = 2 A/μs
Load transient peak voltage deviation vs. external capacitance.
Step (6.25-18.75-6.25 A). Parallel coupling of capacitors with 470 μF/10 mΩ,
TP1 = +25 °C, VI = 12 V, VO = 3.3 V, fsw = 320 kHz, di/dt = 2 A/μs
Load transient vs. Switch Frequency
Load transient peak voltage deviation vs. frequency.
Step-change (6.25-18.75-6.25 A).
TP1 = +25 °C. VI = 12 V, VO = 1.0 V, CO = 470 μF/10 mΩ
Note: For Universal PID, see section Dynamic Loop Compensation (DLC).
0
100
200
300
400
01234
5
[mV]
[mF]
Universal PID,
No NLR
DLC,
No NLR
Universal PID,
Default NLR
DLC,
Default NLR
Universal PID,
Opt. NLR
DLC,
Opt. NLR
0
100
200
300
400
012345
[mV]
[mF]
Universal PID,
No NLR
DLC,
No NLR
Universal PID,
Default NLR
DLC,
Default NLR
Universal PID,
Opt. NLR
DLC,
Opt. NLR
0
100
200
300
400
200
300
400
500
600
[mV]
[kHz]
Universal PID,
No NLR
DLC,
No NLR
Universal PID,
Default NLR
DLC,
Default NLR
Universal PID,
Opt. NLR
DLC,
Opt. NLR
TYPICAL CHARACTERISTICS, HORIZONTAL (CONTINUED)
For more information, please visit the product page.


Similar Part No. - NDM2Z-25HT-V-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-25HT-V-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com