Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM2Z-12HT-AB Datasheet(PDF) 4 Page - CUI INC

Part # NDM2Z-12HT-AB
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-12HT-AB Datasheet(HTML) 4 Page - CUI INC

  NDM2Z-12HT-AB Datasheet HTML 1Page - CUI INC NDM2Z-12HT-AB Datasheet HTML 2Page - CUI INC NDM2Z-12HT-AB Datasheet HTML 3Page - CUI INC NDM2Z-12HT-AB Datasheet HTML 4Page - CUI INC NDM2Z-12HT-AB Datasheet HTML 5Page - CUI INC NDM2Z-12HT-AB Datasheet HTML 6Page - CUI INC NDM2Z-12HT-AB Datasheet HTML 7Page - CUI INC NDM2Z-12HT-AB Datasheet HTML 8Page - CUI INC NDM2Z-12HT-AB Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
cui.com
date 11/07/2014
│ page 4 of 14
CUI Inc
│ MODEL: NDM2Z-12H │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
LOGIC INPUT/OUTPUT CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
input high voltage (V
IH)
CTRL, DDC, SA0, SCL, SDA, SYNC, VSET
2
V
input low voltage (V
IL)
CTRL, DDC, SA0, SCL, SDA, SYNC, VSET
0.8
V
output high voltage (V
OH)
DDC, SALRT, SDA, SYNC, PG
2.25
V
output low voltage (V
OL)
DDC, SALRT, SDA, SYNC, PG
0.4
V
OUTPUT DECOUPLING CAPACITOR RECOMMENDATION
parameter
conditions/description
min
typ
max
units
C
OUT
total output capacitance located on host board
300
15,000
µF
DDC CONFIGURATION REQUIREMENTS
A pull-up resistor is required on the DDC in order to guarantee the rise time as follows:
Rise Time
DDC = RDDC * CDDC < 1 µs
R
DDC is the DDC pull-up resistor and CDDC is the DDC capacitive loading. The pull-up resistor should be tied to an external 3.3V or 5V
supply. The designer needs to ensure that the resistor pull-up voltage is present during module power-up. Each module connected to
the DDC presents ~10 pF, each inch of FR4 PCB trace introduces ~2 pF of capacitive loading.
SMBUS CONFIGURATION REQUIREMENTS
The complete specifications for the SMBus can be found on the following web pages: www.pmbus.info , smbus.org
TYPICAL CHARACTERISTICS
Conditions (applies to all graphs unless stated otherwise):
T
P1 = 25°C, Vin = 12 V, Cin = 470 μF/10 mΩ, Cout = 470 μF/8 mΩ, Iout = Imax
For more information, please visit the product page.


Similar Part No. - NDM2Z-12HT-AB

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-12HT-AB

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com