Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM2Z-12HS-AA Datasheet(PDF) 1 Page - CUI INC

Part # NDM2Z-12HS-AA
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-12HS-AA Datasheet(HTML) 1 Page - CUI INC

  NDM2Z-12HS-AA Datasheet HTML 1Page - CUI INC NDM2Z-12HS-AA Datasheet HTML 2Page - CUI INC NDM2Z-12HS-AA Datasheet HTML 3Page - CUI INC NDM2Z-12HS-AA Datasheet HTML 4Page - CUI INC NDM2Z-12HS-AA Datasheet HTML 5Page - CUI INC NDM2Z-12HS-AA Datasheet HTML 6Page - CUI INC NDM2Z-12HS-AA Datasheet HTML 7Page - CUI INC NDM2Z-12HS-AA Datasheet HTML 8Page - CUI INC NDM2Z-12HS-AA Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
cui.com
date 11/07/2014
page 1 of 14
MODEL: NDM2Z-12H
│ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
MODEL
input voltage
output voltage
output current
output wattage
(Vdc)
(Vdc)
max
(A)
max
(W)
NDM2Z-12H
4.5~14
0.6~5.0
12
60
PART NUMBER KEY
Example part number: NDM2Z-12HT-AA-002
horizontal module
through-hole pins
standard pin configuration
loose parts package option
firmware configuration 002
CONTENTS
FEATURES
• compact package
horizontal:
21.0 x 12.7 x 7.2 mm
(0.827 x 0.500 x 0.284 in)
• 12 A output
• high efficiency
• auto compensation
• SMBus interface
• PMBus™ Compatible
• Ericsson footprint compatible
GENERAL CHARACTERISTICS
• 4.5~14 V input range
• 0.6~5.0 V programmable output
• voltage tracking
• voltage margining
• Snapshot™ parametric capture
• voltage/current/temperature monitoring
• synchronization and phase spreading
• remote differential voltage sense
• programmable soft start and soft stop
• fault management
NDM2Z-12H X - X X - XXX
Package Option:
A = loose parts
B = tape and reel
C = tray
Firmware Configuration:
000~ZZZ
Base Number
Pin Style:
S = surface-mount
T = through-hole
Pin Configuration:
A = standard
configuration
Absolute Maximum Ratings.................................2
Recommended Operating Conditions....................2
Pin Descriptions................................................3
Typical Characteristics.......................................4~5
Mechanical Drawing..............................................6
Operating Information.....................................7~13
For more information, please visit the product page.


Similar Part No. - NDM2Z-12HS-AA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-12HS-AA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com