Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39232B1669U410 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39232B1669U410
Description  SAW Components SAW RF filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39232B1669U410 Datasheet(HTML) 3 Page - TDK Electronics

  B39232B1669U410 Datasheet HTML 1Page - TDK Electronics B39232B1669U410 Datasheet HTML 2Page - TDK Electronics B39232B1669U410 Datasheet HTML 3Page - TDK Electronics B39232B1669U410 Datasheet HTML 4Page - TDK Electronics B39232B1669U410 Datasheet HTML 5Page - TDK Electronics B39232B1669U410 Datasheet HTML 6Page - TDK Electronics B39232B1669U410 Datasheet HTML 7Page - TDK Electronics B39232B1669U410 Datasheet HTML 8Page - TDK Electronics B39232B1669U410 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
June 04, 2014
B1669
2332.50 MHz
SAW Components
SAW RF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –45 ˚C to +105 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
2332.50
MHz
Maximum insertion attenuation
α
max
2320.0
... 2345.0
MHz
2.4
2.8
dB
Amplitude ripple (p-p)
∆α
2320.0
... 2345.0
MHz
0.6
1.0
dB
VSWR
1.6
2.0
Attenuation
α
50.0
... 2120.0
MHz
40
47
dB
2560.0
... 3000.0
MHz
36
40
dB
3000.0
... 3500.0
MHz
33
37
dB
3500.0
... 4000.0
MHz
30
34
dB
4000.0
... 5000.0
MHz
20
26
dB
Group delay ripple (p-p)
∆τ
2320.0
... 2345.0
MHz
5
15
ns


Similar Part No. - B39232B1669U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39232B1644U510 TDK-B39232B1644U510 Datasheet
94Kb / 9P
   SAW Components SAW RF filter
B39232B1646U410 TDK-B39232B1646U410 Datasheet
95Kb / 9P
   SAW Components SAW RF filter
More results

Similar Description - B39232B1669U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39152B1647U510 TDK-B39152B1647U510 Datasheet
82Kb / 8P
   SAW Components SAW RF filter
B39162B3528U510 TDK-B39162B3528U510 Datasheet
92Kb / 8P
   SAW Components SAW RF filter
B39771B5117U410 TDK-B39771B5117U410 Datasheet
64Kb / 7P
   SAW Components SAW RF filter
B39162B4050U510 TDK-B39162B4050U510 Datasheet
90Kb / 7P
   SAW Components SAW RF filter
B39451B3907U410 TDK-B39451B3907U410 Datasheet
96Kb / 8P
   SAW Components SAW RF filter
B39761B3928U510 TDK-B39761B3928U510 Datasheet
157Kb / 8P
   SAW Components SAW RF filter
B39421B5324Z810 TDK-B39421B5324Z810 Datasheet
159Kb / 8P
   SAW Components SAW RF filter
B39431B3790Z810 TDK-B39431B3790Z810 Datasheet
112Kb / 10P
   SAW Components SAW RF filter
B39232B3404U410 TDK-B39232B3404U410 Datasheet
155Kb / 8P
   SAW Components SAW RF filter
B39351B3408U410 TDK-B39351B3408U410 Datasheet
152Kb / 8P
   SAW Components SAW RF filter
B39361B5074Z810 TDK-B39361B5074Z810 Datasheet
72Kb / 7P
   SAW Components SAW RF filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com