Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4002G Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # UF4002G
Description  UF4007GULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

UF4002G Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  UF4002G Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. UF4002G Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SEMICONDUCTOR
UF4001G THRU UF4007G
ULTRA FAST RECTIFIER
Reverse Voltage: 50 to 1000 Volts
Forward Current:1.0Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: JEDED DO-41 molded plastic body
Lead: Plated axial leads, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Note: 1.Test conditions: I 0.5A,I =1.0A,I =0.25A.
F=
R
RR
2.Measured at 1MH and applied reverse voltage of 4.0 Volts.
Z
Maximum
Peak Reverse Voltage
Recurrent
VRRM
Volts
Volts
Volts
Volts
A
μ
P
F
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Instantaneous Forward Voltage
at 1.0 A
Operating junction and storage temperature
range
Maximum reverse recovery time(Note1)
Typical junction capacitance(Note2)
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-55 to+150
100
50
15
12
75
5.0
°C
TJ
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
30.0
1.0
1.7
ns
Trr
1.0
R
SEMICONDUCTOR
Symbols
Units
UF
4003G
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low power loss, high efficiency
High surge current capability
High speed switching, Low leakage
Low forward voltage drop
High current capability, High reliability
High temperature soldering guaranteed:260
/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
//
Maximum DC Reverse Current
at rated DC blocking voltage
T =100 C
A
°
T =25 C
A
°
UF
4001G
UF
4002G
UF
4006G
UF
4007G
UF
4004G
UF
4005G
(Rating at 25
ambient temperature unless otherwise specified. Single phase ,half wave ,
resistive or inductive
load. For capacitive load, derate current by 20%.)
60H ,
Z
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
8-4
Dimensions in inches and (millimeters)
DO-41
0.205(5.20)
0.107(2.7)
0.034(0.85)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.161(4.10)
0.080(2.0)
DIA.
0.026(0.65)
DIA.
-55 to+150
1.3


Similar Part No. - UF4002G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF4002G JGD-UF4002G Datasheet
164Kb / 2P
   1.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4002G HY-UF4002G Datasheet
425Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
Won-Top Electronics
UF4002G WTE-UF4002G Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
SAMYANG ELECTRONICS CO....
UF4002G SAMYANG-UF4002G Datasheet
1,022Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Pan Jit International I...
UF4002G PANJIT-UF4002G Datasheet
43Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
More results

Similar Description - UF4002G

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4534 NJSEMI-1N4534 Datasheet
78Kb / 1P
   FAST RECTIFIER
1N3122 NJSEMI-1N3122 Datasheet
83Kb / 1P
   Fast Rectifier
1N5190 NJSEMI-1N5190 Datasheet
125Kb / 1P
   FAST RECTIFIER
logo
Solid States Devices, I...
RF0017 SSDI-RF0017_15 Datasheet
202Kb / 2P
   FAST RECTIFIER
logo
New Jersey Semi-Conduct...
1N994 NJSEMI-1N994 Datasheet
80Kb / 1P
   Fast Rectifier
1N4536 NJSEMI-1N4536 Datasheet
85Kb / 1P
   FAST RECTIFIER
1N4548 NJSEMI-1N4548 Datasheet
80Kb / 1P
   FAST RECTIFIER
1N3110 NJSEMI-1N3110 Datasheet
97Kb / 1P
   Fast Rectifier
1N4250 NJSEMI-1N4250 Datasheet
70Kb / 1P
   FAST RECTIFIER
1N3892 NJSEMI-1N3892 Datasheet
243Kb / 1P
   Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com