Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC40-L50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLC40-L50
Description  Fllstandssensoren Schaltverstarker Baureihe CLC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CLC40-L50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLC40-L50 Datasheet HTML 1Page - List of Unclassifed Manufacturers CLC40-L50 Datasheet HTML 2Page - List of Unclassifed Manufacturers CLC40-L50 Datasheet HTML 3Page - List of Unclassifed Manufacturers CLC40-L50 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fllstandssensore n
Schaltverstärker
Baureihe
CLC
Angaben in mm
Bezeichnung
CLC 40 - S
Type
CLC 40 - S
Artikelnummer
2004000
Order No.
2004000
Betriebsspannung
18 ... 30 V DC
Supply Voltage
18 ... 30 V DC
Stromaufnahme
max. 150mA
Current consumption
max. 150mA
Ausgang
potentialfreier Relaiskontakt
Schließer 200 mA / 40 V/DC
Output
non-potential relay contact
latch 200 mA / 40 V/DC
Umgebungstemperatur
-20°C...+60°C
Ambient temperature
-10°C...+60°C
Gehäusematerial
G AL Si 12 / Deckel glasklar
Housing material
G AL Si 12 / cover clear plastic
Schutzart EN 60529
IP66 Gehäuse
IP40 Flanschdose, optional IP67
Protection EN 60529
IP66 Housing
IP40 Female socket, optional IP67
Anschluß
Flanschstecker 4-polig
Binder Serie 763
Junction
Male socket 4-contact
Binder series 763
LED-Anzeigen
ROT :
Relais geschlossen
GRÜN: Relais geöffnet
LED-Diplay
RED:
Relay closed
Green: Relay open
anschließbare Sonden
Sonden der Baureihe R
connectable sensors
sonde serie R
Unterteil
86 mm
98 mm
Maximum erreicht
Relais geöffnet
Maximum reached
Relay contact open
+
_
brown (1)
blue (3)
18..30V/DC
black (2)
white (4)
POWER
CLC-40


Similar Part No. - CLC40-L50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
   Fast Settling, Wideband Low-Gain Monolithic Op Amp
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
[Old version datasheet]   Fast Settling, Wideband Low Gain Monolithic Op Amp
logo
Exar Corporation
CLC4000 EXAR-CLC4000 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
CLC4000ISO14 EXAR-CLC4000ISO14 Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
CLC4000ISO14X EXAR-CLC4000ISO14X Datasheet
1Mb / 18P
   High Output Current Dual and Quad Amplifiers
More results

Similar Description - CLC40-L50

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CLC175 XPPOWER-CLC175_12 Datasheet
240Kb / 2P
   175 Watts CLC Series
CLC125 XPPOWER-CLC125 Datasheet
596Kb / 2P
   125 Watts CLC Series
logo
OSRAM GmbH
LWW5SN OSRAM-LWW5SN Datasheet
593Kb / 18P
   Platinum DRAGON짰 white with Chip Level Conversion (CLC)
logo
Texas Instruments
CLC-DRCS-PCASM TI1-CLC-DRCS-PCASM Datasheet
887Kb / 24P
[Old version datasheet]   CLC-DRCS-PCASM DRCS Evaluation Board Users Guide
CLC-DRCS7-PCASM TI1-CLC-DRCS7-PCASM Datasheet
2Mb / 38P
[Old version datasheet]   CLC-DRCS7-PCASM DRCS7 Evaluation Board Users Guide
logo
OSRAM GmbH
LCWW5SN OSRAM-LCWW5SN Datasheet
710Kb / 19P
   Platinum DRAGON짰 warm white with Chip Level Conversion (CLC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com