Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER508G Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # HER508G
Description  GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

HER508G Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  HER508G Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. HER508G Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES HER501G THRU HER508G
0.01
0.1
1.0
100
1000
10
0.01
0.1
100
1
10
0
20
0
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
T =25 C
J
°
T =25 C
J
°
T =100 C
J
°
T =150 C
J
°
1
2
6
4
0.1 0.2
0.4
1
4
210
40
20
100
10
60
40
100
20
200
FIG.6-TYPICAL JUNCTION CAPACITANCE
T =25 C
J
°
Pulse Width=300 s
1% Duty Cycle
μ
600\800\1000V
0
25
50
75
100
125
150
175
0
1.0
3.0
5.0
2.0
4.0
6.0
AMBIENT TEMPERATURE (
)
SINGLE PHASE HALF WAVE 60H
RESISTIVE OR INDUCTIVE LOAD
0.375"(9.5mm)LEAD LENGTH
Z
SET TIME BASE FOR 50/100 ns/cm
1cm
-0.25A
0
+0.5A
-1.0A
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
(NOTE2)
NONINDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NONINDUCTIVE
NONIN-
DUCTIVE
50
50Vdc
(APPROX)
10
1
(-)
(+)
Trr
NOTES:1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance=
50 ohms
50\100\200\300V
400 500V
\
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
22
-
0
150
50
15
50
10
100
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
100
200


Similar Part No. - HER508G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER508G ETC-HER508G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER508G RECTRON-HER508G Datasheet
140Kb / 6P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Amperes
logo
Taiwan Semiconductor Co...
HER508G TSC-HER508G Datasheet
269Kb / 2P
   5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
RFE international
HER508G RFE-HER508G Datasheet
2Mb / 3P
   High Efficient Rectifier HER501G Through HER508G
26-09-2022
logo
UNIOHM CORPORATION
HER508G UNIOHM-HER508G Datasheet
69Kb / 2P
   5.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER508G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER501G-508G ETC-HER501G-508G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
HER101G GOOD-ARK-HER101G Datasheet
123Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER1601C MIC-HER1601C Datasheet
58Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF801 MIC-HERF801 Datasheet
58Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER201G RECTRON-HER201G Datasheet
46Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER151G MIC-HER151G Datasheet
55Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
HER101G SMCDIODE-HER101G Datasheet
386Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Rev. A
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER251G MIC-HER251G Datasheet
55Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601 MIC-HERF1601 Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601C MIC-HERF1601C Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com