Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6217PBF-1 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF6217PBF-1
Description  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6217PBF-1 Datasheet(HTML) 4 Page - International Rectifier

  IRF6217PBF-1 Datasheet HTML 1Page - International Rectifier IRF6217PBF-1 Datasheet HTML 2Page - International Rectifier IRF6217PBF-1 Datasheet HTML 3Page - International Rectifier IRF6217PBF-1 Datasheet HTML 4Page - International Rectifier IRF6217PBF-1 Datasheet HTML 5Page - International Rectifier IRF6217PBF-1 Datasheet HTML 6Page - International Rectifier IRF6217PBF-1 Datasheet HTML 7Page - International Rectifier IRF6217PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRF6217PbF-1
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
0
2
4
6
8
0
2
4
6
8
10
12
Q , Total Gate Charge (nC)
G
I =
D
-0.42A
V
= -30V
DS
V
= -75V
DS
V
= -120V
DS
0.1
1
10
0.2
0.6
0.9
1.3
1.6
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 150
C
J
°
T = 25
C
J
°
1
10
100
1000
-VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd
1
10
100
1000
-VDS , Drain-toSource Voltage (V)
0.01
0.1
1
10
100
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec


Similar Part No. - IRF6217PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6217PBF-1 IRF-IRF6217PBF-1_15 Datasheet
200Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF6217PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com