Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-1001 Datasheet(PDF) 2 Page - International Rectifier

Part # AN-1001
Description  Application Note
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AN-1001 Datasheet(HTML) 2 Page - International Rectifier

  AN-1001 Datasheet HTML 1Page - International Rectifier AN-1001 Datasheet HTML 2Page - International Rectifier AN-1001 Datasheet HTML 3Page - International Rectifier AN-1001 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A More Realistic Characterization Of Power MOSFET
Output Capacitance Coss
Introduction:
The
Power
MOSFET
has
gained
popularity and become the dominant
switching device in power
electronics
since 1975. Its fast switching speed has
extended power conversion switching
frequencies from the 20kHz range of
bipolar transistor to beyond 100kHz. in
hard switching. With soft switching
techniques
such
as
zero
voltage
switching
(ZVS)
and
zero
current
switching
(ZCS),
the
switching
frequency can exceed Mega Hertz.
As switching frequency moves upward,
power MOSFET parasitic parameters
such as inductance and capacitance
should be well defined and understood in
order to optimize the particular power
conversion
design.
This
design
tip
focuses
on
explaining
the
power
MOSFET output capacitance Coss and
how
it
actually
affects
the
power
conversion circuit. Other capacitance’s
such as input capacitance Ciss, and
reverse transfer capacitance Crss, and the
related gate charges have been well
explained
in
previous
International
Rectifier publications.
In hard switching circuits, Coss is used
to
calculate
the
additional
power
dissipation of power MOSFET due to
discharging this output capacitor every
switching
cycle.
In
soft
switching
circuits, Coss may be used to calculate
the resonant frequency or transition time,
which is critical in establishing ZVS and
/ or ZCS conditions. Unfortunately the
value of Coss varies non-linearly as a
function of drain to source voltage Vds.
The value of Coss specified in most
manufacturer’s data sheets are at 25V
Vds which is not really useful in actual
circuit application.
In
an
effort
to
better
aid
circuit
designers, International Rectifier has
taken the extra steps to specify the
effective Coss (Coss at Vds of 1V and
80%
Vdss)
and
also
extend
the
capacitance curves to 80% of Vdss ,
instead of 50V, for IRs new range of
high voltage HEXFETs. An example of
these curves for a new 600V HEXFET is
shown in Fig. 1 below :
Fig. 1:. Typical Capacitance Vs. Drain to Source
Voltage
Listed below are the definitions of Coss
effective and Coss @ 80% of Vdss, how
they are measured and how to apply
them in circuit design calculations.
Coss effective:
Coss effective is defined as a fixed
capacitance that would give the same
1
10
100
1000
10000
100000
1
10
100
1000
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss


Similar Part No. - AN-1001

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1006 CYMBET-AN-1006 Datasheet
540Kb / 3P
   Backing Up Epson Toyocom Real-Time Clock Chips
AN-1008 CYMBET-AN-1008 Datasheet
195Kb / 2P
   Using Cymbet EnerChip Batteries Instead of Coin Cells and Super Capacitors
More results

Similar Description - AN-1001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com