Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEA162450BT-1298A1 Datasheet(PDF) 3 Page - TDK Electronics

Part # DEA162450BT-1298A1
Description  Multilayer Band Pass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA162450BT-1298A1 Datasheet(HTML) 3 Page - TDK Electronics

  DEA162450BT-1298A1 Datasheet HTML 1Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 2Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 3Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 4Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 5Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 6Page - TDK Electronics DEA162450BT-1298A1 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150601 / rf_bpf_dea162450bt-1298a1_en.fm
20150601 / rf_bpf_dea162450bt-1298a1_en.fm
DEA162450BT-1298A1
ELECTRICAL CHARACTERISTICS
・Ta: +25±5°C
TEMPERATURE RANGE
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Insertion Loss (dB)
2400 to 2500
0.91
1.30
Return Loss (dB)
2400 to 2500
10
22.3
Attenuation (dB)
800
25
26.7
4800 to 5000
30
52.0
7200 to 7500
30
42.2
Characteristic Impedance (
:)
50 (Nominal)
Operating temperature
Storage temperature
(°C)
(°C)
–40 to +85
–40 to +85


Similar Part No. - DEA162450BT-1298A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA162450BT-1295A1 TDK-DEA162450BT-1295A1 Datasheet
77Kb / 7P
   Multilayer Band Pass Filter
More results

Similar Description - DEA162450BT-1298A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252400BT-2030A1 TDK-DEA252400BT-2030A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2031A1 TDK-DEA252450BT-2031A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2063C1 TDK-DEA252450BT-2063C1_16 Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA255787BT-2044A1 TDK-DEA255787BT-2044A1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-1283A2 TDK-DEA202450BT-1283A2 Datasheet
71Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-2114F1 TDK-DEA202450BT-2114F1 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-3201B2 TDK-DEA202450BT-3201B2 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA162450BT-2096A1-H TDK-DEA162450BT-2096A1-H Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2080B2 TDK-DEA252450BT-2080B2_16 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA105425BT-1293A1 TDK-DEA105425BT-1293A1 Datasheet
70Kb / 6P
   Multilayer Band Pass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com