Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79325DBVRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79325DBVRG4
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79325DBVRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS79325DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 13Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 14Page - Texas Instruments TPS79325DBVRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
22 pF
15 pF
15 pF
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
2.5 V
3.3 V
3.6 V
C1
31.6 k
51 k
59 k
30.1 k
30.1 k
30.1 k
0 pF
1.22 V
short
open
TPS793xx
GND
NR
FB
IN
OUT
EN
V
IN
V
OUT
R1
C1
R2
1
µF
1
µF
0.01
µF
Regulator Protection
TPS79301, TPS79318
TPS79325, TPS79328, TPS793285
TPS79330, TPS79333, TPS793475
SLVS348H – JULY 2001 – REVISED OCTOBER 2004
APPLICATION INFORMATION (continued)
Figure 23. TPS79301 Adjustable LDO Regulator Programming
The TPS793xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power-down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might be
appropriate.
The TPS793xx features internal current limiting and thermal protection. During normal operation, the TPS793xx
limits output current to approximately 400 mA. When current limiting engages, the output voltage scales back
linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device failure,
care should be taken not to exceed the power dissipation ratings of the package or the absolute maximum
voltage ratings of the device. If the temperature of the device exceeds approximately 165
°C, thermal-protection
circuitry shuts it down. Once the device has cooled down to below approximately 140
°C, regulator operation
resumes.
11


Similar Part No. - TPS79325DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79325DBVRG4 TI1-TPS79325DBVRG4 Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS79325DBVRG4 TI-TPS79325DBVRG4 Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS79325DBVRG4 TI1-TPS79325DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79325DBVRG4 TI1-TPS79325DBVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79325DBVRG4 TI1-TPS79325DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS79325DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS793 TI1-TPS793_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com