Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC37325P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37325P
Description  DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC37325P Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC37325P Datasheet HTML 7Page - Texas Instruments UCC37325P Datasheet HTML 8Page - Texas Instruments UCC37325P Datasheet HTML 9Page - Texas Instruments UCC37325P Datasheet HTML 10Page - Texas Instruments UCC37325P Datasheet HTML 11Page - Texas Instruments UCC37325P Datasheet HTML 12Page - Texas Instruments UCC37325P Datasheet HTML 13Page - Texas Instruments UCC37325P Datasheet HTML 14Page - Texas Instruments UCC37325P Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
UCC27323, UCC27324, UCC27325
UCC37323, UCC37324, UCC37325
SLUS492B – JUNE 2001 – REVISED SEPTEMBER 2002
11
www.ti.com
APPLICATION INFORMATION
The switching load presented by a power MOSFET can be converted to an equivalent capacitance by examining
the gate charge required to switch the device. This gate charge includes the effects of the input capacitance
plus the added charge needed to swing the drain of the device between the ON and OFF states. Most
manufacturers provide specifications that provide the typical and maximum gate charge, in nC, to switch the
device under specified conditions. Using the gate charge Qg, one can determine the power that must be
dissipated when charging a capacitor. This is done by using the equivalence Qg = CeffV to provide the following
equation for power:
P
+ C
V2
f
+ Qg f
This equation allows a power designer to calculate the bias power required to drive a specific MOSFET gate
at a specific bias voltage.
THERMAL INFORMATION
The useful range of a driver is greatly affected by the drive power requirements of the load and the thermal
characteristics of the IC package. In order for a power driver to be useful over a particular temperature range
the package must allow for the efficient removal of the heat produced while keeping the junction temperature
within rated limits. The UCC37323/4/5 family of drivers is available in three different packages to cover a range
of application requirements.
As shown in the power dissipation rating table, the SOIC-8 (D) and PDIP-8 (P) packages each have a power
rating of around 0.5 W with TA = 70°C. This limit is imposed in conjunction with the power derating factor also
given in the table. Note that the power dissipation in our earlier example is 0.432 W with a 10-nF load, 12 VDD,
switched at 300 kHz. Thus, only one load of this size could be driven using the D or P package, even if the two
onboard drivers are paralleled. The difficulties with heat removal limit the drive available in the older packages.
The MSOP PowerPAD-8 (DGN) package significantly relieves this concern by offering an effective means of
removing the heat from the semiconductor junction. As illustrated in Reference 2, the PowerPAD packages offer
a leadframe die pad that is exposed at the base of the package. This pad is soldered to the copper on the PC
board directly underneath the IC package, reducing the
Θjc down to 4.7°C/W. Data is presented in Reference 2
to show that the power dissipation can be quadrupled in the PowerPAD configuration when compared to the
standard packages. The PC board must be designed with thermal lands and thermal vias to complete the heat
removal subsystem, as summarized in Reference 3. This allows a significant improvement in heatsinking over
that available in the D or P packages, and is shown to more than double the power capability of the D and P
packages.
references
1.
Power Supply Seminar SEM–1400 Topic 2: Design And Application Guide For High Speed MOSFET
Gate Drive Circuits, by Laszlo Balogh, Texas Instruments Literature No. SLUP133.
2.
Application Note, Practical Considerations in High Performance MOSFET, IGBT and MCT Gate Drive
Circuits, by Bill Andreycak, Texas Instruments Literature No. SLUA105
3.
Technical Brief, PowerPad Thermally Enhanced Package, Texas Instruments Literature No. SLMA002
4.
Application Brief, PowerPAD Made Easy, Texas Instruments Literature No. SLMA004


Similar Part No. - UCC37325P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37325P TI1-UCC37325P Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC37325PE4 TI1-UCC37325PE4 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
More results

Similar Description - UCC37325P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com