Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB50SLT12-CAL Datasheet(PDF) 3 Page - GeneSiC Semiconductor, Inc.

Part # GB50SLT12-CAL
Description  Silicon Carbide Power Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GB50SLT12-CAL Datasheet(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  GB50SLT12-CAL_15 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GB50SLT12-CAL_15 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GB50SLT12-CAL_15 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GB50SLT12-CAL_15 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GB50SLT12-CAL_15 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Die Datasheet
GB50SLT12-CAL
Feb 2015
http://www.genesicsemi.com/high-temperature-sic/high-temperature-sic-bare-die/
Pg3 of 4
Mechanical Parameters
Die Dimensions
4.5 x 4.5
mm
2
Anode Pad Size
4.24 x 4.24
Die Area total / active
20.25/17.64
Die Thickness
360
µm
Wafer Size
100
mm
Flat Position
0
deg
Die Frontside Passivation
Polyimide
Anode Pad Metallization
4000 nm Al
Backside Cathode Metallization
400 nm Ni + 200 nm Au
Die Attach
Electrically conductive glue or solder
Wire Bond
Al ≤ 380 µm
Reject ink dot size
Φ ≥ 0.3 mm
Recommended storage environment
Store in original container, in dry nitrogen,
< 6 months at an ambient temperature of 23 °C
Chip Dimensions:
DIE
A
[mm]
4.5
B
[mm]
4.5
METAL
C
[mm]
4.24
D
[mm]
4.24
WIRE
BONDABLE
E
[mm]
4.2
F
[mm]
4.2


Similar Part No. - GB50SLT12-CAL_15

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GB50SLT12-CAL GENESIC-GB50SLT12-CAL Datasheet
215Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
More results

Similar Description - GB50SLT12-CAL_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
GeneSiC Semiconductor, ...
GB05SLT12-220 GENESIC-GB05SLT12-220 Datasheet
399Kb / 5P
   Silicon Carbide Power Schottky Diode
GB10SLT12-CAL GENESIC-GB10SLT12-CAL_15 Datasheet
421Kb / 5P
   Silicon Carbide Power Schottky Diode
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL_15 Datasheet
251Kb / 5P
   Silicon Carbide Power Schottky Diode
logo
Comchip Technology
CDBDSC5650-G COMCHIP-CDBDSC5650-G Datasheet
91Kb / 2P
   Silicon Carbide Power Schottky Diode
CDBJSC101200-G COMCHIP-CDBJSC101200-G Datasheet
114Kb / 3P
   Silicon Carbide Power Schottky Diode
CDBJSC101700-G COMCHIP-CDBJSC101700-G Datasheet
103Kb / 2P
   Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB2X40MPS12-227 GENESIC-GB2X40MPS12-227 Datasheet
2Mb / 7P
   Silicon Carbide Power Schottky Diode
logo
Comchip Technology
CDBJFSC5650-G COMCHIP-CDBJFSC5650-G Datasheet
113Kb / 3P
   Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GC2X20MPS12-247 GENESIC-GC2X20MPS12-247 Datasheet
2Mb / 7P
   Silicon Carbide Power Schottky Diode
logo
List of Unclassifed Man...
GB01SLT12-252 ETC-GB01SLT12-252 Datasheet
336Kb / 4P
   Silicon Carbide Power Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com