Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNR221L Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # UNR221L
Description  Silicon NPN epitaxial planar transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR221L Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button UNR221L Datasheet HTML 6Page - Panasonic Semiconductor UNR221L Datasheet HTML 7Page - Panasonic Semiconductor UNR221L Datasheet HTML 8Page - Panasonic Semiconductor UNR221L Datasheet HTML 9Page - Panasonic Semiconductor UNR221L Datasheet HTML 10Page - Panasonic Semiconductor UNR221L Datasheet HTML 11Page - Panasonic Semiconductor UNR221L Datasheet HTML 12Page - Panasonic Semiconductor UNR221L Datasheet HTML 13Page - Panasonic Semiconductor UNR221L Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
UNR221x Series
10
SJH00010CED
Cob  VCB
IO  VIN
VIN  IO
Cob  VCB
IO  VIN
VIN  IO
IC  VCE
VCE(sat)  IC
hFE  IC
Characteristics charts of UNR221D
0
0.1
6
5
4
3
2
1
1
10
100
Collector-base voltage V
CB (V)
f
= 1 MHz
IE
= 0
Ta
= 25°C
1
0.4
10
102
103
104
1.4
1.2
1.0
0.8
0.6
Input voltage V
IN (V)
VO
= 5 V
Ta
= 25°C
0.01
0.1
0.1
1
10
100
1
10
100
Output current I
O (mA)
V
O = 0.2 V
Ta
= 25°C
012
210
48
6
0
30
25
20
15
10
5
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= 1.0 mA
0.1 mA
0.2 mA
0.3 mA
0.4 mA
0.5 mA
0.6 mA
0.7 mA
0.8 mA
0.9 mA
0.01
0.1
0.1
1
10
100
1
10
100
Collector current I
C (mA)
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
0
1
40
80
120
160
10
100
1 000
Collector current I
C (mA)
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
0
0.1
6
5
4
3
2
1
1
10
100
Collector-base voltage V
CB (V)
f
= 1 MHz
IE
= 0
Ta
= 25°C
1
1.5
10
102
103
104
4.0
3.5
3.0
2.5
2.0
Input voltage V
IN (V)
VO
= 5 V
Ta
= 25°C
0.01
0.1
0.1
1
10
100
1
10
100
Output current I
O (mA)
VO
= 0.2 V
Ta
= 25°C


Similar Part No. - UNR221L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR2211 PANASONIC-UNR2211 Datasheet
93Kb / 3P
   Composite Transistors, Silicon NPN epitaxial planar type For switching/digital circuits
UNR2213 PANASONIC-UNR2213 Datasheet
108Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2) For switching/digital circuits
UNR221300L PANASONIC-UNR221300L Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
UNR221E PANASONIC-UNR221E Datasheet
81Kb / 3P
   Silicon NPN epitaxial planar type
UNR221W PANASONIC-UNR221W Datasheet
56Kb / 2P
   Silicon NPN epitaxial planar type
More results

Similar Description - UNR221L

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com