Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA16JT17-247 Datasheet(PDF) 3 Page - GeneSiC Semiconductor, Inc.

Part # GA16JT17-247
Description  OFF Silicon Carbide Junction Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GA16JT17-247 Datasheet(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  GA16JT17-247_15 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GA16JT17-247_15 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GA16JT17-247_15 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GA16JT17-247_15 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GA16JT17-247_15 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GA16JT17-247_15 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GA16JT17-247_15 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. GA16JT17-247_15 Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. GA16JT17-247_15 Datasheet HTML 9Page - GeneSiC Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
GA16JT17-247
Jan 2015
Latest version of this datasheet at: http://www.genesicsemi.com/commercial-sic/sic-junction-transistors/
Pg3 of 11
Section IV: Figures
A: Static Characteristics
Figure 1: Typical Output Characteristics at 25 °C
Figure 2: Typical Output Characteristics at 150 °C
Figure 3: Typical Output Characteristics at 175 °C
Figure 4: On-Resistance vs. Gate Current
Figure 5: DC Current Gain and Normalized On-Resistance
vs. Temperature
Figure 6: DC Current Gain vs. Drain Current


Similar Part No. - GA16JT17-247_15

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA16JT17-247 GENESIC-GA16JT17-247 Datasheet
987Kb / 12P
   Normally ??OFF Silicon Carbide Junction Transistor
More results

Similar Description - GA16JT17-247_15

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA20JT12-CAL GENESIC-GA20JT12-CAL_16 Datasheet
2Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA50JT12-247 GENESIC-GA50JT12-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA04JT17-247 GENESIC-GA04JT17-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA20JT12-263 GENESIC-GA20JT12-263_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA10JT12-263 GENESIC-GA10JT12-263_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA10SICP12-263 GENESIC-GA10SICP12-263_15 Datasheet
1Mb / 13P
   OFF Silicon Carbide Junction Transistor
GA20JT12-247 GENESIC-GA20JT12-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA100JT12-227 GENESIC-GA100JT12-227_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA50JT17-247 GENESIC-GA50JT17-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA05JT06-CAL GENESIC-GA05JT06-CAL_15 Datasheet
1Mb / 10P
   OFF Silicon Carbide Junction Transistor
GA10JT06-CAL GENESIC-GA10JT06-CAL_15 Datasheet
692Kb / 9P
   OFF Silicon Carbide Junction Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com