Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA05JT12-CAL Datasheet(PDF) 10 Page - GeneSiC Semiconductor, Inc.

Part # GA05JT12-CAL
Description  OFF Silicon Carbide Junction Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GA05JT12-CAL Datasheet(HTML) 10 Page - GeneSiC Semiconductor, Inc.

Back Button GA05JT12-CAL_16 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GA05JT12-CAL_16 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GA05JT12-CAL_16 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GA05JT12-CAL_16 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. GA05JT12-CAL_16 Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. GA05JT12-CAL_16 Datasheet HTML 9Page - GeneSiC Semiconductor, Inc. GA05JT12-CAL_16 Datasheet HTML 10Page - GeneSiC Semiconductor, Inc. GA05JT12-CAL_16 Datasheet HTML 11Page - GeneSiC Semiconductor, Inc. GA05JT12-CAL_16 Datasheet HTML 12Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Die Datasheet
GA05JT12-CAL
Feb 2016
http://www.genesicsemi.com/high-temperature-sic/high-temperature-sic-bare-die/
Pg10 of 11
Section VI: Mechanical Parameters
Die Dimensions
1.57 x 1.57
mm2
62 x 62
mil2
Die Area total / active
2.46/1.66
mm2
3820/4271
mil
2
Die Thickness
360
µm
14
mil
Wafer Size
100
mm
3937
mil
Flat Position
0
deg
0
deg
Die Frontside Passivation
Polyimide
Gate/Source Pad Metallization
4000 nm Al
Bottom Drain Pad Metallization
400 nm Ni + 200 nm Au
Die Attach
Electrically conductive glue or solder
Wire Bond
Al ≤ 8 mil (Source)
Al ≤ 1.25 mil (Gate)
Reject ink dot size
Φ ≥ 0.3 mm
Recommended storage environment
Store in original container, in dry nitrogen,
< 6 months at an ambient temperature of 23 °C
Section VII: Chip Dimensions
mm
mil
DIE
A
1.57
62
B
1.57
62
SOURCE
WIREBONDABLE
C
1.01
40
D
1.01
40
E
0.10
4
F
0.27
11
GATE
WIREBONDABLE
G
0.18
7
H
0.17
7
A
C
F
E
D
B
G
H


Similar Part No. - GA05JT12-CAL_16

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA05JT12-CAL GENESIC-GA05JT12-CAL Datasheet
478Kb / 8P
   Normally ??OFF Silicon Carbide Junction Transistor
More results

Similar Description - GA05JT12-CAL_16

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA20JT12-CAL GENESIC-GA20JT12-CAL_16 Datasheet
2Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA50JT12-247 GENESIC-GA50JT12-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA04JT17-247 GENESIC-GA04JT17-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA20JT12-263 GENESIC-GA20JT12-263_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA10JT12-263 GENESIC-GA10JT12-263_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA10SICP12-263 GENESIC-GA10SICP12-263_15 Datasheet
1Mb / 13P
   OFF Silicon Carbide Junction Transistor
GA20JT12-247 GENESIC-GA20JT12-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA100JT12-227 GENESIC-GA100JT12-227_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA50JT17-247 GENESIC-GA50JT17-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA05JT06-CAL GENESIC-GA05JT06-CAL_15 Datasheet
1Mb / 10P
   OFF Silicon Carbide Junction Transistor
GA10JT06-CAL GENESIC-GA10JT06-CAL_15 Datasheet
692Kb / 9P
   OFF Silicon Carbide Junction Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com