Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27325D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27325D
Description  DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27325D Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC27325D Datasheet HTML 3Page - Texas Instruments UCC27325D Datasheet HTML 4Page - Texas Instruments UCC27325D Datasheet HTML 5Page - Texas Instruments UCC27325D Datasheet HTML 6Page - Texas Instruments UCC27325D Datasheet HTML 7Page - Texas Instruments UCC27325D Datasheet HTML 8Page - Texas Instruments UCC27325D Datasheet HTML 9Page - Texas Instruments UCC27325D Datasheet HTML 10Page - Texas Instruments UCC27325D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
UCC27323, UCC27324, UCC27325
UCC37323, UCC37324, UCC37325
SLUS492B – JUNE 2001 – REVISED SEPTEMBER 2002
7
www.ti.com
APPLICATION INFORMATION
source/sink capabilities during Miller plateau
Large power MOSFETs present a large load to the control circuitry. Proper drive is required for efficient, reliable
operation. The UCC37323/4/5 drivers have been optimized to provide maximum drive to a power MOSFET
during the Miller plateau region of the switching transition. This interval occurs while the drain voltage is swinging
between the voltage levels dictated by the power topology, requiring the charging/discharging of the drain-gate
capacitance with current supplied or removed by the driver IC. [1]
Two circuits are used to test the current capabilities of the UCC37323 driver. In each case external circuitry is
added to clamp the output near 5 V while the IC is sinking or sourcing current. An input pulse of 250 ns is applied
at a frequency of 1 kHz in the proper polarity for the respective test. In each test there is a transient period where
the current peaked up and then settled down to a steady-state value. The noted current measurements are
made at a time of 200 ns after the input pulse is applied, after the initial transient.
The first circuit in Figure 2 is used to verify the current sink capability when the output of the driver is clamped
around 5 V, a typical value of gate-source voltage during the Miller plateau region. The UCC37323 is found to
sink 4.5 A at VDD = 15 V and 4.28 A at VDD = 12 V.
UDG–01065
UCC37323
GND
1
2
3
4
INB
INA
7
6
5
8
OUTA
VDD
OUTB
INPUT
1
µF
CER
100
µF
AL EL
DSCHOTTKY
VDD
C2
1
µF
VSNS
RSNS
0.1
C3
100
µF
10
+
VSUPPLY
5.5 V
Figure 2.


Similar Part No. - UCC27325D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27325D TI1-UCC27325D Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27325DG4 TI1-UCC27325DG4 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27325DGN TI1-UCC27325DGN Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27325DGNG4 TI1-UCC27325DGNG4 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27325DGNR TI1-UCC27325DGNR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
More results

Similar Description - UCC27325D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com