Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA05JT06-CAL Datasheet(PDF) 4 Page - GeneSiC Semiconductor, Inc.

Part # GA05JT06-CAL
Description  OFF Silicon Carbide Junction Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GA05JT06-CAL Datasheet(HTML) 4 Page - GeneSiC Semiconductor, Inc.

  GA05JT06-CAL_15 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GA05JT06-CAL_15 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GA05JT06-CAL_15 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GA05JT06-CAL_15 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GA05JT06-CAL_15 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GA05JT06-CAL_15 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GA05JT06-CAL_15 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. GA05JT06-CAL_15 Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. GA05JT06-CAL_15 Datasheet HTML 9Page - GeneSiC Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Die Datasheet
GA05JT06-CAL
Feb 2015
http://www.genesicsemi.com/high-temperature-sic/high-temperature-sic-bare-die/
Pg4 of 9
Driving the GA05JT06-CAL
Drive Topology
Gate Drive Power
Consumption
Switching
Frequency
Application Emphasis
Availability
TTL Logic
High
Low
Wide Temperature Range
Coming Soon
Constant Current
Medium
Medium
Wide Temperature Range
Coming Soon
High Speed
– Boost Capacitor
Medium
High
Fast Switching
Production
High Speed
– Boost Inductor
Low
High
Ultra Fast Switching
Coming Soon
Proportional
Lowest
High
Wide Drain Current Range
Coming Soon
Pulsed Power
Medium
N/A
Pulse Power
Coming Soon
A: Static TTL Logic Driving
The GA05JT06-CAL may be driven using direct (5 V) TTL logic after current amplification. The (amplified) current level of the supply must
meet or exceed the steady state gate current (IG,steady) required to operate the GA05JT06-CAL. The power level of the supply can be estimated
from the target duty cycle of the particular application. IG,steady is dependent on the anticipated drain current ID through the SJT and the DC
current gain hFE, it may be calculated from the following equation. An accurate value of the hFE may be read from Figure 5.
Figure 9: TTL Gate Drive Schematic
B: High Speed Driving
The SJT is a current controlled transistor which requires a positive gate current for turn-on as well as to remain in on-state. An ideal gate
current waveform for ultra-fast switching of the SJT, while maintaining low gate drive losses, is shown in Figure 10 which features a positive
current peak during turn-on, a negative current peak during turn-off, and continuous gate current to remain on.
Figure 10: An idealized gate current waveform for fast switching of an SJT.
An SJT is rapidly switched from its blocking state to on-state, when the necessary gate charge, QG, for turn-on is supplied by a burst of high
gate current, IG,on, until the gate-source capacitance, CGS, and gate-drain capacitance, CGD, are fully charged.
SiC SJT
D
S
G
TTL
Gate Signal
5 / 0 V
TTL i/p
IG,steady
5 V


Similar Part No. - GA05JT06-CAL_15

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA05JT06-CAL GENESIC-GA05JT06-CAL Datasheet
440Kb / 7P
   Normally ??OFF Silicon Carbide Junction Transistor
More results

Similar Description - GA05JT06-CAL_15

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA20JT12-CAL GENESIC-GA20JT12-CAL_16 Datasheet
2Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA50JT12-247 GENESIC-GA50JT12-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA04JT17-247 GENESIC-GA04JT17-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA20JT12-263 GENESIC-GA20JT12-263_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA10JT12-263 GENESIC-GA10JT12-263_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA10SICP12-263 GENESIC-GA10SICP12-263_15 Datasheet
1Mb / 13P
   OFF Silicon Carbide Junction Transistor
GA20JT12-247 GENESIC-GA20JT12-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA100JT12-227 GENESIC-GA100JT12-227_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA50JT17-247 GENESIC-GA50JT17-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA10JT06-CAL GENESIC-GA10JT06-CAL_15 Datasheet
692Kb / 9P
   OFF Silicon Carbide Junction Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com