Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73022-11 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY73022-11
Description  700 ??1000 MHz High Gain and Linearity Diversity Downconversion Mixer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73022-11 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY73022-11_09 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73022-11_09 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DATA SHEET • SKY73022-11 DOWNCONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200518G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 24, 2009
9
52
54
56
58
44
46
40
42
48
50
60
824
834
844
854
864
874
884
894
904
914
RF Frequency (MHz)
–40
˚C
+25
˚C
+85
˚C
Figure 27. Mixer A RF to IF Isolation vs Frequency and
Temperature
–43
–41
–39
–37
–51
–49
–55
–53
–47
–45
–35
824
834
844
854
864
874
884
894
904
914
RF Frequency (MHz)
–40
˚C
+25
˚C
+85
˚C
Figure 29. Mixer A LO to IF Leakage vs Frequency and
Temperature
–43
–41
–39
–37
–51
–49
–55
–53
–47
–45
–35
824
834
844
854
864
874
884
894
904
914
RF Frequency (MHz)
–40
˚C
+25
˚C
+85
˚C
Figure 31. Mixer B LO to RF Leakage vs Frequency and
Temperature
53
56
59
62
41
44
35
38
47
50
65
824
834
844
854
864
874
884
894
904
914
RF Frequency (MHz)
–40
˚C
+25
˚C
+85
˚C
Figure 33. Channel A to Channel B IF Isolation vs Frequency
and Supply Voltage
52
54
56
58
44
46
40
42
48
50
60
824
834
844
854
864
874
884
894
904
914
RF Frequency (MHz)
–40
˚C
+25
˚C
+85
˚C
Figure 28. Mixer B RF to IF Isolation vs Frequency and
Temperature
–43
–41
–39
–37
–51
–49
–55
–53
–47
–45
–35
824
834
844
854
864
874
884
894
904
914
RF Frequency (MHz)
–40
˚C
+25
˚C
+85
˚C
Figure 30. Mixer A LO to RF Leakage vs Frequency and
Temperature
57
59
61
63
49
51
45
47
53
55
65
824
834
844
854
864
874
884
894
904
914
RF Frequency (MHz)
–40
˚C
+25
˚C
+85
˚C
Figure 32. LO1 to LO2 Isolation vs Frequency and Supply
Voltage


Similar Part No. - SKY73022-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
More results

Similar Description - SKY73022-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73032-11 SKYWORKS-SKY73032-11_09 Datasheet
229Kb / 14P
   700 ??1000 MHz High Gain and Linearity Single Downconversion Mixer
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73086 SKYWORKS-SKY73086 Datasheet
380Kb / 12P
   650 - 900 MHz High Gain and Linearity Diversity Downconversion Mixer
SKY73084-11 SKYWORKS-SKY73084-11 Datasheet
362Kb / 16P
   300 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73070 SKYWORKS-SKY73070 Datasheet
230Kb / 13P
   700 - 1000 MHz High Gain and Linearity Single
SKY73032 SKYWORKS-SKY73032 Datasheet
431Kb / 11P
   700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73023 SKYWORKS-SKY73023 Datasheet
281Kb / 10P
   1700 -2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73085-11 SKYWORKS-SKY73085-11 Datasheet
1Mb / 16P
   390 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com