Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD-30 Datasheet(PDF) 2 Page - CUI INC

Part # MD-30
Description  MINI DIN CONNECTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-30 Datasheet(HTML) 2 Page - CUI INC

  MD-30 Datasheet HTML 1Page - CUI INC MD-30 Datasheet HTML 2Page - CUI INC MD-30 Datasheet HTML 3Page - CUI INC MD-30 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date
04/24/2012 │ page 2 of 4
CUI Inc
│ SERIES: MD │ DESCRIPTION: MINI DIN CONNECTOR
5.0 0.197
9.0 0.354
14.0 0.551
32.0 1.260
0.3
0.5
44.5 1.752
6.3 0.248
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
shield
brass
nickel
pin contacts (1~9)
brass
silver
insulator
Polyamide 6 (PA-1010C2)
shell
ABS (PA-757)
cover
UE630 + PELL (LL120)
MD-30
MD-40
MD-50
MD-60
MD-70
MD-80
9.95 0.392
16.40 0.646
6.45 0.254
0.3
8.0 0.315
47.3 1.862
14.85 0.585
MD-90
For more information, please visit the product page.


Similar Part No. - MD-30

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-30 CUI-MD-30 Datasheet
255Kb / 4P
   MINI DIN CONNECTOR
MD-30CV CUI-MD-30CV Datasheet
204Kb / 3P
   MINI DIN CONNECTOR
MD-30CV CUI-MD-30CV Datasheet
224Kb / 4P
   MINI DIN CONNECTOR
MD-30FC CUI-MD-30FC Datasheet
154Kb / 4P
   MINI DIN CONNECTOR
MD-30FC CUI-MD-30FC Datasheet
236Kb / 4P
   MINI DIN CONNECTOR
More results

Similar Description - MD-30

ManufacturerPart #DatasheetDescription
logo
CUI INC
MD-30J CUI-MD-30J Datasheet
135Kb / 3P
   MINI DIN CONNECTOR
MD-30SP CUI-MD-30SP Datasheet
100Kb / 3P
   MINI DIN CONNECTOR
MD-30SN CUI-MD-30SN Datasheet
138Kb / 3P
   MINI DIN CONNECTOR
MD2-ST-SMT CUI-MD2-ST-SMT Datasheet
223Kb / 3P
   MINI DIN CONNECTOR
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
   MINI DIN CONNECTOR
MD-J CUI-MD-J Datasheet
232Kb / 3P
   MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100 Datasheet
203Kb / 3P
   MINI DIN CONNECTOR
MD-S CUI-MD-S Datasheet
246Kb / 4P
   MINI DIN CONNECTOR
MD-SM CUI-MD-SM Datasheet
449Kb / 4P
   MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100_V01 Datasheet
281Kb / 3P
   MINI DIN CONNECTOR
10/14/2019
MD-XXSMK CUI-MD-XXSMK Datasheet
181Kb / 3P
   MINI DIN CONNECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com