Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5150A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TVP5150A
Description  Ultralow Power NTSC/PAL/SECAM Video Decoder With Robust Sync Detector
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5150A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TVP5150A Datasheet HTML 3Page - Texas Instruments TVP5150A Datasheet HTML 4Page - Texas Instruments TVP5150A Datasheet HTML 5Page - Texas Instruments TVP5150A Datasheet HTML 6Page - Texas Instruments TVP5150A Datasheet HTML 7Page - Texas Instruments TVP5150A Datasheet HTML 8Page - Texas Instruments TVP5150A Datasheet HTML 9Page - Texas Instruments TVP5150A Datasheet HTML 10Page - Texas Instruments TVP5150A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
1−1
1 Introduction
The TVP5150A device is an ultralow power NTSC/PAL/SECAM video decoder. Available in a space saving 32-pin
TQFP package, the TVP5150A decoder converts NTSC, PAL, and SECAM video signals to 8-bit ITU-R BT.656
format. Discrete syncs are also available. The optimized architecture of the TVP5150A decoder allows for
ultralow-power consumption. The decoder consumes 115 mW of power in typical operation and consumes less than
1 mW in power-down mode, considerably increasing battery life in portable applications. The decoder uses just one
crystal for all supported standards. The TVP5150A decoder can be programmed using an I2C serial interface. The
decoder uses a 1.8-V supply for its analog and digital supplies, and a 3.3-V supply for its I/O.
The TVP5150A decoder converts baseband analog video into digital YCbCr 4:2:2 component video. Composite and
S-video inputs are supported. The TVP5150A decoder includes one 9-bit analog-to-digital converter (ADC) with 2x
sampling. Sampling is ITU-R BT.601 (27.0 MHz, generated from the 14.31818-MHz crystal or oscillator input) and
is line-locked. The output formats can be 8-bit 4:2:2 or 8-bit ITU-R BT.656 with embedded synchronization.
The TVP5150A decoder utilizes Texas Instruments patented technology for locking to weak, noisy, or unstable
signals. A Genlock/real-time control (RTC) output is generated for synchronizing downstream video encoders.
Complementary 4-line adaptive comb filtering is available for both the luma and chroma data paths to reduce both
cross-luma and cross-chroma artifacts; a chroma trap filter is also available.
Video characteristics including hue, contrast, brightness, saturation, and sharpness may be programmed using the
industry standard I2C serial interface. The TVP5150A decoder generates synchronization, blanking, lock, and clock
signals in addition to digital video outputs. The TVP5150A decoder includes methods for advanced vertical blanking
interval (VBI) data retrieval. The VBI data processor slices, parses, and performs error checking on teletext, closed
caption, and other data in several formats.
The TVP5150A decoder detects copy-protected input signals according to the Macrovision
 standard and detects
Type 1, 2, 3, and colorstripe pulses.
The main blocks of the TVP5150A decoder include:
Robust sync detector
ADC with analog processor
Y/C separation using 4-line adaptive comb filter
Chrominance processor
Luminance processor
Video clock/timing processor and power-down control
Output formatter
I2C interface
VBI data processor
Macrovision
 detection for composite and S-video
1.1
Features
Accepts NTSC (M, 4.43), PAL (B, D, G, H, I, M, N), and SECAM (B, D, G, K, K1, L) video data
Supports ITU-R BT.601 standard sampling
High-speed 9-bit ADC
Two composite inputs or one S-video input
Macrovision is a trademark of Macrovision Corporation.
Other trademarks are the property of their respective owners.


Similar Part No. - TVP5150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
TVP5150AM1 TI-TVP5150AM1 Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI1-TVP5150AM1-EP Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results

Similar Description - TVP5150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
G2R-14-12VDC TI1-G2R-14-12VDC Datasheet
395Kb / 73P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With RObust Sync Detector
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
TVP5150APBS TI1-TVP5150APBS Datasheet
450Kb / 74P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM video Decoder With Robust Syne Detector
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC,PAL,SECAM Video Decoder
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
Texas Instruments
TVP5150PBS TI1-TVP5150PBS Datasheet
1Mb / 68P
[Old version datasheet]   Ultralow-Power NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com