Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39141B5249H810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39141B5249H810
Description  SAW Components SAW IF filter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39141B5249H810 Datasheet(HTML) 3 Page - TDK Electronics

  B39141B5249H810 Datasheet HTML 1Page - TDK Electronics B39141B5249H810 Datasheet HTML 2Page - TDK Electronics B39141B5249H810 Datasheet HTML 3Page - TDK Electronics B39141B5249H810 Datasheet HTML 4Page - TDK Electronics B39141B5249H810 Datasheet HTML 5Page - TDK Electronics B39141B5249H810 Datasheet HTML 6Page - TDK Electronics B39141B5249H810 Datasheet HTML 7Page - TDK Electronics B39141B5249H810 Datasheet HTML 8Page - TDK Electronics B39141B5249H810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Jun 04, 2012
B5249
140.0 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =
200
Ω bal and matching network
Terminating load impedance:
ZL =
200
Ω bal and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
140.0
MHz
Minimum insertion attenuation
α
min
12.4
14.0
dB
(including matching network)
Amplitude ripple (p-p)
∆α
fN ± 3.7 MHz
0.3
1.2
dB
fN ± 4.1 MHz
0.7
3.0
dB
Group delay ripple (p-p)
∆τ
fN ± 3.7 MHz
30
120
ns
Absolute group delay
fN ± 3.7 MHz
τ
0.65
µs
Phase ripple (p-p)
fN ± 3.7 MHz
∆ϕ
—3
10
°
Relative attenuation (relative to
α
min)
α
rel
10.0 MHz ... 129.5 MHz
40.0
50
dB
129.5 MHz ... 132.0 MHz
35.0
42
dB
148.5 MHz ... 149.5 MHz
30.0
41
dB
149.5 MHz ... 157.0 MHz
35.0
41
dB
157.0 MHz ... 250.0 MHz
40.0
45
dB
250.0 MHz ... 425.0 MHz
20.0
32
dB
Return loss, input
fN ± 3.7 MHz
9.0
12.4
dB
Return loss, output
fN ± 3.7 MHz
10.0
16.5
dB
Triple transit suppression
40.0
45.0
dB
Temperature coefficient of frequency
TCf
-87
ppm/K


Similar Part No. - B39141B5249H810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39141B5246H810 TDK-B39141B5246H810 Datasheet
173Kb / 14P
   SAW Components SAW IF filter
B39141B5247H810 TDK-B39141B5247H810 Datasheet
101Kb / 9P
   SAW Components SAW IF filter
More results

Similar Description - B39141B5249H810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39151B5239H810 TDK-B39151B5239H810 Datasheet
101Kb / 8P
   SAW Components SAW IF filter
B39161B5204H810 TDK-B39161B5204H810 Datasheet
77Kb / 7P
   SAW Components SAW IF filter
B39725B1728H810 TDK-B39725B1728H810 Datasheet
107Kb / 10P
   SAW Components SAW IF filter
B39151B5206H810 TDK-B39151B5206H810 Datasheet
77Kb / 7P
   SAW Components SAW IF filter
B39141B5246H810 TDK-B39141B5246H810 Datasheet
173Kb / 14P
   SAW Components SAW IF filter
B39800X3403H810 TDK-B39800X3403H810 Datasheet
118Kb / 10P
   SAW Components SAW IF filter
B39121B5245H310 TDK-B39121B5245H310 Datasheet
88Kb / 7P
   SAW Components SAW IF filter
B39361B5215H810 TDK-B39361B5215H810 Datasheet
96Kb / 8P
   SAW Components SAW IF filter
B39261B1726H810 TDK-B39261B1726H810 Datasheet
82Kb / 7P
   SAW Components SAW IF filter
B39311B5251H810 TDK-B39311B5251H810 Datasheet
94Kb / 7P
   SAW Components SAW IF filter
B39361B4847U310 TDK-B39361B4847U310 Datasheet
100Kb / 8P
   SAW Components SAW IF filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com