Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1935 Datasheet(PDF) 20 Page - Zarlink Semiconductor Inc

Part # SL1935
Description  Single Chip Synthesized Zero IF Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1935 Datasheet(HTML) 20 Page - Zarlink Semiconductor Inc

Back Button SL1935 Datasheet HTML 15Page - Zarlink Semiconductor Inc SL1935 Datasheet HTML 16Page - Zarlink Semiconductor Inc SL1935 Datasheet HTML 17Page - Zarlink Semiconductor Inc SL1935 Datasheet HTML 18Page - Zarlink Semiconductor Inc SL1935 Datasheet HTML 19Page - Zarlink Semiconductor Inc SL1935 Datasheet HTML 20Page - Zarlink Semiconductor Inc SL1935 Datasheet HTML 21Page - Zarlink Semiconductor Inc SL1935 Datasheet HTML 22Page - Zarlink Semiconductor Inc SL1935 Datasheet HTML 23Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Figure 21.
of
XTALCAP
1
XTAL
2
SDA
3
SCL
4
BUFref
5
VccD
6
Vcc
7
RFin
8
RFinB
9
Vcc
10
IFIa
11
IFIb
12
Vcc
13
OFIa
14
OFIb
15
Vee
16
Iout
17
ADD
18
AGC cont
19
Qout
20
Vee
21
OFQB
22
OFQA
23
Vcc
24
IFQB
25
IFQA
26
Vee
27
TANKVb
28
TANKVa
29
Vee
30
TANKSb
31
TANKSa
32
Vee
33
PORT P0
34
DRIVE
35
PUMP
36
IC1
SL1935
TR1
BCW31
C27
15nF
C26
68pF
R19
13K
R20
22K
R18
13K
30V
L1
L2
L3
L4
D1 BB837
D2 BB837
D3
BB831
D4
BB831
C25
2n2
R16
1K
R17
1K
GND
XL1
4MHz
C3
150pF
C2
82pF
SDA
3
5V0
4
GND
5
SCL
6
CN7
I2C
5VD
5VD
5V
C5
1nF
C6
1nF
RFinA
5V
C7
100nF
C8
100nF
C9
100nF
C10
100nF
R1
1K
R2
1K
R3
1K
R4
1K
C11
3p9
C12
3p9
C24
100nF
C23
100nF
C22
100nF
C21
100nF
R14 1K
R13 1K
R11
1K
R12
1K
C19
3p9
C20
3p9
P0
SK2
I OUT
SK3
Q OUT
SK1
RF IN
RFinA
C13
220nF
R5
100R
R6
1K
C14
15pF
IOUT
IOUT
C18
220nF
R10
100R
R9
1K
C17
15pF
QOUT
QOUT
OFQB
C16
10nF
AGC
+
C30
22uF
C29
100pF
C28
100nF
C32
100pF
C31
100nF
C36
100nF
C37
100pF
+
C38
22uF
5VD
30V
5V
C35
100pF
C34
100pF
C33
100pF
D5
PORT 0
R15
2K7
P0
RV1
5K
R21
620R
R22
620R
5VD
AGC
1
2
3
4
5
CN8
DC POWER
C39
100pF
C40
100pF
TP8
AGC
5V
5V
R7
75R
R23
2K
R24
2K
TP1
TP2
TP3
TP4
TP5
TP6
TP7
1
2
JP1
5V


Similar Part No. - SL1935

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL19 BILIN-SL19 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
SL1914A MITEL-SL1914A Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL1914AMP1S ZARLINK-SL1914AMP1S Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
More results

Similar Description - SL1935

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10100 ZARLINK-ZL10100 Datasheet
414Kb / 19P
   Single Chip Synthesized Downconverter with IF Amplifier
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Toshiba Semiconductor
TD7104P TOSHIBA-TD7104P Datasheet
254Kb / 6P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F Datasheet
148Kb / 4P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F_02 Datasheet
282Kb / 5P
   ECL Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F_02 Datasheet
338Kb / 6P
   ELC Prescaler For Digital Synthesized Tuner
TD7104FG TOSHIBA-TD7104FG Datasheet
398Kb / 6P
   ECL Prescaler for Digital Synthesized Tuner
TD6134AF TOSHIBA-TD6134AF_02 Datasheet
321Kb / 6P
   ECL Prescaler For Digital Synthesized Tuner
logo
Renesas Technology Corp
M61140FP RENESAS-M61140FP Datasheet
760Kb / 28P
   Tuner Single Chip
logo
Hitachi Semiconductor
REJ03F0023_M61140FP HITACHI-REJ03F0023_M61140FP Datasheet
571Kb / 29P
   TUNER SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com