Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39122B1677B510 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39122B1677B510
Description  SAW Components SAW RF low loss filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39122B1677B510 Datasheet(HTML) 2 Page - TDK Electronics

  B39122B1677B510 Datasheet HTML 1Page - TDK Electronics B39122B1677B510 Datasheet HTML 2Page - TDK Electronics B39122B1677B510 Datasheet HTML 3Page - TDK Electronics B39122B1677B510 Datasheet HTML 4Page - TDK Electronics B39122B1677B510 Datasheet HTML 5Page - TDK Electronics B39122B1677B510 Datasheet HTML 6Page - TDK Electronics B39122B1677B510 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3
June 10, 2013
B1677
1210.0 MHz
SAW Components
SAW RF low loss filter
Datasheet
Please read cautions and warnings and
important notes at the end of this document.
Application
s
Low loss RF filter for satellite CSS
s
Usable passband 60.0 MHz
s
Balanced to balanced operation
Features
s
Package size 3.0 x 3.0 x 1.1 mm3
s
Maximum height of 1.225 mm
s
Package code QCC8F
s
RoHS compatible
s
Approximate weight 0.037 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
side view
bottom view
0.6
3
7
5
3.0
top view
1
1.8
Pin configuration
s
1
Input
s
2
Input
s
5
Output
s
6
Output
s
3,7
To be grounded
s
4,8
Case ground, to be grounded


Similar Part No. - B39122B1677B510

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39122B1610U810 TDK-B39122B1610U810 Datasheet
88Kb / 6P
   SAW Components Low-Loss Filter
B39122B1614U810 TDK-B39122B1614U810 Datasheet
79Kb / 6P
   SAW Components Low-Loss Filter
B39122B1653B510 TDK-B39122B1653B510 Datasheet
84Kb / 7P
   SAW Components SAW RF low loss filter
B39122B1665U510 TDK-B39122B1665U510 Datasheet
177Kb / 7P
   SAW Components SAW RF low loss filter
More results

Similar Description - B39122B1677B510

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39122B1665U510 TDK-B39122B1665U510 Datasheet
177Kb / 7P
   SAW Components SAW RF low loss filter
B39142B1675B510 TDK-B39142B1675B510 Datasheet
103Kb / 8P
   SAW Components SAW RF low loss filter
B39162B1657B510 TDK-B39162B1657B510 Datasheet
78Kb / 7P
   SAW Components SAW RF low loss filter
B39212B1640U510 TDK-B39212B1640U510 Datasheet
84Kb / 7P
   SAW Components SAW RF low loss filter
B39212B1662B510 TDK-B39212B1662B510 Datasheet
84Kb / 7P
   SAW Components SAW RF low loss filter
B39152B1635U510 TDK-B39152B1635U510 Datasheet
83Kb / 7P
   SAW Components SAW RF low loss filter
B39112B1652B510 TDK-B39112B1652B510 Datasheet
76Kb / 7P
   SAW Components SAW RF low loss filter
B39132B1642U810 TDK-B39132B1642U810 Datasheet
87Kb / 8P
   SAW Components SAW RF low loss filter
B39142B1666U510 TDK-B39142B1666U510 Datasheet
172Kb / 7P
   SAW Components SAW RF low loss filter
B39162B1649B510 TDK-B39162B1649B510 Datasheet
107Kb / 8P
   SAW Components SAW RF low loss filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com