Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9550DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9550DP
Description  2-bit I2C LED driver with programmable blink rates
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9550DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9550DP Datasheet HTML 6Page - NXP Semiconductors PCA9550DP Datasheet HTML 7Page - NXP Semiconductors PCA9550DP Datasheet HTML 8Page - NXP Semiconductors PCA9550DP Datasheet HTML 9Page - NXP Semiconductors PCA9550DP Datasheet HTML 10Page - NXP Semiconductors PCA9550DP Datasheet HTML 11Page - NXP Semiconductors PCA9550DP Datasheet HTML 12Page - NXP Semiconductors PCA9550DP Datasheet HTML 13Page - NXP Semiconductors PCA9550DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Philips Semiconductors
Product data
PCA9550
2-bit I2C LED driver with programmable blink rates
2003 May 02
10
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
-0.5
6.0
V
VI/O
DC voltage on an I/O
VSS - 0.5
5.5
V
II/O
DC output current on an I/O
±25
mA
ISS
Supply current
50
mA
Ptot
Total power dissipation
400
mW
Tstg
Storage temperature range
-65
+150
°C
Tamb
Operating ambient temperature
-40
+85
°C
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take
precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC24 under ”Handling MOS devices”.
DC CHARACTERISTICS
VDD = 2.3 to 5.5 V; VSS = 0 V; Tamb = -40 to +85 °C; unless otherwise specified. TYP at 3.3 V and 25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
VDD
Supply voltage
2.3
5.5
V
IDD
Supply current
Operating mode; VDD = 5.5 V; no load;
VI = VDD or VSS; fSCL = 100 kHz
350
500
µA
Istb
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VDD or VSS; fSCL = 0 kHz
1.9
3.0
µA
∆IDD
Additional standby current
Standby mode; VDD = 5.5 V; Every
LED I/O at VIN = 4.3 V; fSCL = 0 kHz
200
µA
VPOR
Power-on reset voltage
No load; VI = VDD or VSS
1.4
1.7
2.2
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
-0.5
0.3 VDD
V
VIH
HIGH-level input voltage
0.7 VDD
5.5
V
IOL
LOW-level output current
VOL = 0.4V
3
6.5
mA
IL
Leakage current
VI = VDD = VSS
-1
+1
µA
CI
Input capacitance
VI = VSS
3.7
5
pF
I/Os
VIL
LOW-level input voltage
-0.5
0.8
V
VIH
HIGH-level input voltage
2.0
5.5
V
VOL = 0.4 V; VDD = 2.3 V; Note 1
9
mA
VOL = 0.4 V; VDD = 3.0 V; Note 1
11
mA
VOL = 0.4 V; VDD = 5.0 V; Note 1
14
mA
IOL
LOW-level output current
VOL = 0.7 V; VDD = 2.3 V; Note 1
14
mA
VOL = 0.7 V; VDD = 3.0 V; Note 1
18
mA
VOL = 0.7 V; VDD = 5.0 V; Note 1
24
mA
IL
Input leakage current
VDD = 3.6 V; VI = 0 or VDD
-1
1
µA
CIO
Input/output capacitance
2.1
5
pF
Select Inputs A0 / RESET
VIL
LOW-level input voltage
-0.5
0.8
V
VIH
HIGH-level input voltage
2.0
5.5
V
ILI
Input leakage current
-1
1
µA
CI
Input capacitance
VI = VSS
2.3
5
pF
NOTE:
1. Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 50 mA.


Similar Part No. - PCA9550DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9550DP NXP-PCA9550DP Datasheet
149Kb / 26P
   2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
More results

Similar Description - PCA9550DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
   2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
   16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9551 PHILIPS-PCA9551 Datasheet
161Kb / 21P
   8-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
   4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com