Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P82B96DP
Description  Dual bi-directional bus buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82B96DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P82B96DP Datasheet HTML 2Page - NXP Semiconductors P82B96DP Datasheet HTML 3Page - NXP Semiconductors P82B96DP Datasheet HTML 4Page - NXP Semiconductors P82B96DP Datasheet HTML 5Page - NXP Semiconductors P82B96DP Datasheet HTML 6Page - NXP Semiconductors P82B96DP Datasheet HTML 7Page - NXP Semiconductors P82B96DP Datasheet HTML 8Page - NXP Semiconductors P82B96DP Datasheet HTML 9Page - NXP Semiconductors P82B96DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product data
P82B96
Dual bi-directional bus buffer
2004 Mar 26
6
TYPICAL APPLICATIONS
See
AN460 and AN255 for more application detail.
I2C
SDA
+5 V
+VCC (2–15 V)
R1
‘SDA’
(NEW LEVELS)
1/2 PB2B96
Rx
(SDA)
Tx
(SDA)
SU01013
Figure 1. Interfacing an ‘I2C’ type of bus with different logic levels.
+5 V
1/2 P82B96
SU01014
I2C
SDA
R1
Tx
(SDA)
Rx
(SDA)
R2
R3
+VCC
+VCC1
R4
R5
I2C
SDA
Figure 2. Galvanic isolation of I2C nodes via opto-couplers
SCL
SCL
SDA
SDA
P82B96
P82B96
MAIN ENCLOSURE
REMOTE CONTROL ENCLOSURE
3.3–5 V
3.3–5 V
12 V
12 V
12 V
LONG CABLES
SU01708
3.3–5 V
3.3–5 V
Figure 3. Long distance I2C communications


Similar Part No. - P82B96DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96DP PHILIPS-P82B96DP Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96DP NXP-P82B96DP Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96DP NXP-P82B96DP Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96DP NXP-P82B96DP Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
P82B96DPZ PHILIPS-P82B96DPZ Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
More results

Similar Description - P82B96DP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
ON Semiconductor
FXWA9306 ONSEMI-FXWA9306 Datasheet
396Kb / 11P
   Dual Bi-Directional I2C-Bus and SMBus Voltage-Level Translator
September 2017 Rev. 2
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
TC7W126FU TOSHIBA-TC7W126FU Datasheet
188Kb / 4P
   DUAL BUS BUFFER
TC7W125FU TOSHIBA-TC7W125FU Datasheet
188Kb / 4P
   DUAL BUS BUFFER
TC7WH126FU TOSHIBA-TC7WH126FU Datasheet
213Kb / 7P
   DUAL BUS BUFFER
TC7W125FU TOSHIBA-TC7W125FU_01 Datasheet
208Kb / 5P
   DUAL BUS BUFFER
TC7WH125FU TOSHIBA-TC7WH125FU Datasheet
213Kb / 7P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com