Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P82B96T
Description  Dual bi-directional bus buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82B96T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P82B96T Datasheet HTML 4Page - NXP Semiconductors P82B96T Datasheet HTML 5Page - NXP Semiconductors P82B96T Datasheet HTML 6Page - NXP Semiconductors P82B96T Datasheet HTML 7Page - NXP Semiconductors P82B96T Datasheet HTML 8Page - NXP Semiconductors P82B96T Datasheet HTML 9Page - NXP Semiconductors P82B96T Datasheet HTML 10Page - NXP Semiconductors P82B96T Datasheet HTML 11Page - NXP Semiconductors P82B96T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product data
P82B96
Dual bi-directional bus buffer
2004 Mar 26
8
frequency will be lower than calculated from the programmed clock
periods. In the example for 25 meters the clock is stretched 400 ns,
the falling edge of SCL is delayed 490 ns and the SDA rising edge is
delayed 570 ns. The required additional LOW period is
(490 + 570) = 1060 ns and the I2C-bus specifications already
include an allowance for a worst case bus risetime 0 to 70% of
425 ns. (The bus risetime can be 300 ns 30% to 70%, which means
it can be 425 ns 0–70%. The 25-meter cable delay times as quoted
already include all rise/fall times.) Therefore, the micro only needs to
be programmed with an addtional (1060 – 400 – 425) = 235 ns,
making a total programmed LOW period 1535 ns. The programmed
LOW will the be stretched by 400 ns to yield an actual bus LOW
time of 1935 ns, which, allowing the minimum HIGH period of
600 ns, yields a cycle period of 2535 ns or 394 kHz.
Note that in both the 100-meter and 250-meter examples the
capacitive loading on the I2C-buses at each end is within the
maximum allowed Standard mode loading of 400 pF, but exceeds
the Fast mode limit. This is an example of a ‘hybrid’ mode because it
relies on the response delays of Fast mode parts but uses
(allowable) Standard mode bus loadings with rise times that
contribute significantly to the system delays. The cables cause large
propagation delays so these systems need to operate well below the
400 kHz limit but illustrate how they can still exceed the 100 kHz
limit provided all parts are capable of Fast mode operation. The
fastest example illustrates how the 400 kHz limit can be exceeded
provided master and slave parts have delay specifications smaller
than the maximum allowed. Many Philips slaves have delays shorter
than 600 ns, but none have that guaranteed.
SCL
SDA
su01786
P82B96
VCC
I2C
MASTER
GND
SX
SY
RX
TX
RY
TY
VCC1
VCC2
SCL
SDA
P82B96
VCC
I2C
SLAVE(S)
GND
SX
SY
RX
TX
RY
TY
R1
R1
R2
R2
C2
C2
BAT54A
BAT54A
C2
C2
R2
R2
R1
R1
CABLE
PROPAGATION
DELAY
' 5 ns/m
+V CABLE DRIVE
Figure 5. Driving ribbon or flat telephone cables
EXAMPLES OF BUS CAPABILITY (refer to Figure 5)
+VCC
+V
+VCC
R1
R2
C2
CABLE
CABLE
CABLE
SET MASTER
NOMINAL SCL
EFFECTIVE
BUS
MAXIMUM
SLAVE
+VCC1 CABLE +VCC2 R1
R2
(pF)
LENGTH
CAPACITANCE
DELAY
HIGH
PERIOD
LOW
PERIOD
CLOCK
SPEED
RESPONSE
DELAY
5 V
12 V
5 V
750
2.2 k
400
250 m
Not applicable
(delay based)
1.25
µs
600 ns
4000 ns
120 kHz
Normal spec.
400 kHz
parts
5 V
12 V
5 V
750
2.2 k
220
100 m
Not applicable
(delay based)
500 ns
600 ns
2600 ns
185 kHz
Normal spec.
400 kHz
parts
3.3 V
5 V
3.3 V
330
1 k
220
25 m
1 nF
125 ns
600 ns
1500 ns
390 kHz
Normal spec.
400 kHz
parts
3.3 V
5 V
3.3 V
330
1 k
100
3 m
120 pF
15 ns
600 ns
1000 ns
500 kHz
600 ns


Similar Part No. - P82B96T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96T PHILIPS-P82B96T Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96TD PHILIPS-P82B96TD Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96TD NXP-P82B96TD Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96TD NXP-P82B96TD Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96TD NXP-P82B96TD Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results

Similar Description - P82B96T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
ON Semiconductor
FXWA9306 ONSEMI-FXWA9306 Datasheet
396Kb / 11P
   Dual Bi-Directional I2C-Bus and SMBus Voltage-Level Translator
September 2017 Rev. 2
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
TC7W126FU TOSHIBA-TC7W126FU Datasheet
188Kb / 4P
   DUAL BUS BUFFER
TC7W125FU TOSHIBA-TC7W125FU Datasheet
188Kb / 4P
   DUAL BUS BUFFER
TC7WH126FU TOSHIBA-TC7WH126FU Datasheet
213Kb / 7P
   DUAL BUS BUFFER
TC7W125FU TOSHIBA-TC7W125FU_01 Datasheet
208Kb / 5P
   DUAL BUS BUFFER
TC7WH125FU TOSHIBA-TC7WH125FU Datasheet
213Kb / 7P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com