Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP11ARCMDA Datasheet(PDF) 5 Page - Analog Devices

Part # OP11ARCMDA
Description  Quad Matched 741-Type Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11ARCMDA Datasheet(HTML) 5 Page - Analog Devices

  OP11ARCMDA Datasheet HTML 1Page - Analog Devices OP11ARCMDA Datasheet HTML 2Page - Analog Devices OP11ARCMDA Datasheet HTML 3Page - Analog Devices OP11ARCMDA Datasheet HTML 4Page - Analog Devices OP11ARCMDA Datasheet HTML 5Page - Analog Devices OP11ARCMDA Datasheet HTML 6Page - Analog Devices OP11ARCMDA Datasheet HTML 7Page - Analog Devices OP11ARCMDA Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
–5–
OP11
REV. A
Typical Performance Characteristics–
TEMPERATURE – C
0.1
0.2
0.5
60
140
40
20
020
40
6080
100
120
0.3
0.4
VS = 15V
TPC 1. Input Offset Voltage vs. Temperature
TEMPERATURE – C
20
15
0
60
140
40
20
020
40
6080
100
120
10
5
VS = 15V
TPC 2. Offset Current vs. Temperature
TEMPERATURE – C
300
200
0
60
140
40
20
020
40
6080
100
120
100
VS = 15V
TPC 3. Bias Current vs. Temperature
TEMPERATURE – C
800
400
0
60
140
40
20
020
406080
100
120
200
VS = 15V
RL = 2k
600
300
100
700
500
TPC 4. Open-Loop Gain vs. Temperature
FREQUENCY – Hz
120
0
0.1
10M
1.0
10
100
1k
10k
100k
1M
100
80
60
40
20
GAIN
PHASE
VS = 15V
RL = 2k
TA = 25 C
CL = 100pF
0
45
90
135
180
TPC 5. Open-Loop Gain and Phase vs. Frequency
TEMPERATURE – C
1.4
1.0
0.6
60
140
40
20
020
406080
100
120
0.8
VS = 15V
1.2
0.9
0.7
1.3
1.1
SLEW RATE
BANDWIDTH
TPC 6. Normalized Slew Rate and Bandwidth
vs. Temperature


Similar Part No. - OP11ARCMDA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP11ARCMDA AD-OP11ARCMDA Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
More results

Similar Description - OP11ARCMDA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP11 AD-OP11_15 Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP-09 AD-OP-09 Datasheet
718Kb / 7P
   Quad Matched 741-Type Operational Amplifiers
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP-11 AD-OP-11_15 Datasheet
727Kb / 7P
   QUAD MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP-09 AD-OP-09_15 Datasheet
727Kb / 7P
   QUAN MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
logo
Motorola, Inc
MC1537 MOTOROLA-MC1537 Datasheet
245Kb / 4P
   MATCHED DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com