Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39192B5187U510 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39192B5187U510
Description  SAW diplexer for base stations
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39192B5187U510 Datasheet(HTML) 5 Page - TDK Electronics

  B39192B5187U510 Datasheet HTML 1Page - TDK Electronics B39192B5187U510 Datasheet HTML 2Page - TDK Electronics B39192B5187U510 Datasheet HTML 3Page - TDK Electronics B39192B5187U510 Datasheet HTML 4Page - TDK Electronics B39192B5187U510 Datasheet HTML 5Page - TDK Electronics B39192B5187U510 Datasheet HTML 6Page - TDK Electronics B39192B5187U510 Datasheet HTML 7Page - TDK Electronics B39192B5187U510 Datasheet HTML 8Page - TDK Electronics B39192B5187U510 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
January 15, 2014
B5187
1897.5 / 2017.5 MHz
SAW Components
SAW diplexer for base stations
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature range T
–40/+100 ˚C
Storage temperature range
Tstg
–55/+125 ˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) According to JESD-A115B (MM - Machine Model), 10 negative & 10 positive pulses
V
Machine Model
ESD voltage
VESD
1502)
2) According to JESD-A114F (HBM - Human Body Model), 1 negative & 1 positive pulses
V
Human Body Model
Input power
1880.0 ... 1915.0 MHz PIN
20
dBm
cw,1000 h, 85˚C
1880.0 ... 1915.0 MHz PIN
23
dBm
cw,2 h, 85˚C


Similar Part No. - B39192B5187U510

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39192B5180U410 TDK-B39192B5180U410 Datasheet
140Kb / 8P
   SAW filter for base station
B39192B5186U410 TDK-B39192B5186U410 Datasheet
165Kb / 9P
   SAW RF dual band filter for base stations
More results

Similar Description - B39192B5187U510

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39191B5260H810 TDK-B39191B5260H810 Datasheet
80Kb / 7P
   SAW IF filter for base stations
B39202B5184U410 TDK-B39202B5184U410 Datasheet
112Kb / 7P
   SAW RF filter for base stations
B39182B4182U410 TDK-B39182B4182U410 Datasheet
127Kb / 9P
   SAW RF filter for base stations
B39881B4125U410 TDK-B39881B4125U410 Datasheet
194Kb / 9P
   SAW RF filter for base stations
B39181B5268H810 TDK-B39181B5268H810 Datasheet
184Kb / 10P
   SAW IF filter for base stations
B39941B5182U410 TDK-B39941B5182U410 Datasheet
155Kb / 10P
   SAW RF filter for base stations
B39172B5109U410 TDK-B39172B5109U410 Datasheet
147Kb / 9P
   SAW RF filter for base stations
B39172B5143U410 TDK-B39172B5143U410 Datasheet
183Kb / 9P
   SAW RF filter for base stations
B39181B5258H810 TDK-B39181B5258H810 Datasheet
125Kb / 7P
   SAW IF filter for base stations
B39182B4142U410 TDK-B39182B4142U410 Datasheet
147Kb / 12P
   SAW RF filter for base stations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com