Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK18C0G2A122J Datasheet(PDF) 10 Page - TDK Electronics

Part # FK18C0G2A122J
Description  Capacitor with Multi-layer Lead
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK18C0G2A122J Datasheet(HTML) 10 Page - TDK Electronics

Back Button FK18C0G2A122J Datasheet HTML 6Page - TDK Electronics FK18C0G2A122J Datasheet HTML 7Page - TDK Electronics FK18C0G2A122J Datasheet HTML 8Page - TDK Electronics FK18C0G2A122J Datasheet HTML 9Page - TDK Electronics FK18C0G2A122J Datasheet HTML 10Page - TDK Electronics FK18C0G2A122J Datasheet HTML 11Page - TDK Electronics FK18C0G2A122J Datasheet HTML 12Page - TDK Electronics FK18C0G2A122J Datasheet HTML 13Page - TDK Electronics FK18C0G2A122J Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
(10/22)
20151209 / leadmlcc_conventional_fk_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
FK20 AND FK11 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 6.3 to 50V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK20 type
FK11 type
X7R
0.68μF
±10%
50
FK20X7R1H684K
FK11X7R1H684K
X7R
1μF
±10%
50
FK20X7R1H105K
FK11X7R1H105K
X7R
1.5μF
±10%
50
FK20X7R1H155K
FK11X7R1H155K
X7R
2.2μF
±10%
50
FK20X7R1H225K
FK11X7R1H225K
X7R
3.3μF
±10%
50
FK20X7R1H335K
FK11X7R1H335K
X7R
4.7μF
±10%
50
FK20X7R1H475K
FK11X7R1H475K
X7R
2.2μF
±10%
25
FK20X7R1E225K
FK11X7R1E225K
X7R
3.3μF
±10%
25
FK20X7R1E335K
FK11X7R1E335K
X7R
4.7μF
±10%
25
FK20X7R1E475K
FK11X7R1E475K
X7R
6.8μF
±10%
25
FK20X7R1E685K
FK11X7R1E685K
X7R
10μF
±10%
25
FK20X7R1E106K
FK11X7R1E106K
X7R
10μF
±10%
16
FK20X7R1C106K
FK11X7R1C106K
X7R
15μF
±20%
16
FK20X7R1C156M
FK11X7R1C156M
X7R
22μF
±20%
16
FK20X7R1C226M
FK11X7R1C226M
X7R
22μF
±20%
10
FK20X7R1A226M
FK11X7R1A226M
X5R
2.2μF
±10%
50
FK20X5R1H225K
FK11X5R1H225K
X5R
3.3μF
±10%
50
FK20X5R1H335K
FK11X5R1H335K
X5R
4.7μF
±10%
25
FK20X5R1E475K
FK11X5R1E475K
X5R
6.8μF
±10%
25
FK20X5R1E685K
FK11X5R1E685K
X5R
10μF
±10%
25
FK20X5R1E106K
FK11X5R1E106K
X5R
10μF
±10%
16
FK20X5R1C106K
FK11X5R1C106K
X5R
15μF
±20%
16
FK20X5R1C156M
FK11X5R1C156M
X5R
22μF
±20%
16
FK20X5R1C226M
FK11X5R1C226M
X5R
15μF
±20%
10
FK20X5R1A156M
FK11X5R1A156M
X5R
22μF
±20%
10
FK20X5R1A226M
FK11X5R1A226M
X5R
22μF
±20%
6.3
FK20X5R0J226M
FK11X5R0J226M
X5R
33μF
±20%
6.3
FK20X5R0J336M
FK11X5R0J336M
X5R
47μF
±20%
6.3
FK20X5R0J476M
FK11X5R0J476M
X5R
68μF
±20%
6.3
FK20X5R0J686M
FK11X5R0J686M
X5R
100μF
±20%
6.3
FK20X5R0J107M
FK11X5R0J107M
X7S
4.7μF
±10%
50
FK20X7S1H475K
FK11X7S1H475K
X7S
6.8μF
±10%
50
FK20X7S1H685K
FK11X7S1H685K
X7S
10μF
±10%
50
FK20X7S1H106K
FK11X7S1H106K
5.5max.
5.5max.
5.0
±1.0
4.0max.
4.0max.
Dimensions in mm
FK20
FK11
2.5
±0.8
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


Similar Part No. - FK18C0G2A122J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK18C0G2A122J TDK-FK18C0G2A122J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK18C0G2A122J TDK-FK18C0G2A122J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK18C0G2A122J TDK-FK18C0G2A122J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK18C0G2A122J TDK-FK18C0G2A122J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
More results

Similar Description - FK18C0G2A122J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com