Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1207P Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1207P
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207P Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1207P Datasheet HTML 1Page - ON Semiconductor NCP1207P Datasheet HTML 2Page - ON Semiconductor NCP1207P Datasheet HTML 3Page - ON Semiconductor NCP1207P Datasheet HTML 4Page - ON Semiconductor NCP1207P Datasheet HTML 5Page - ON Semiconductor NCP1207P Datasheet HTML 6Page - ON Semiconductor NCP1207P Datasheet HTML 7Page - ON Semiconductor NCP1207P Datasheet HTML 8Page - ON Semiconductor NCP1207P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP1207
http://onsemi.com
5
TYPICAL CHARACTERISTICS
(TJ = −40°C to 125°C)
TEMPERATURE (
°C)
10.4
10.8
11.2
11.6
12.0
12.4
12.8
13.2
−50
−25
0
25
50
75
100
125
Figure 3. VCC Increasing Level at which the
Current Source Turns−off versus Temperature
8.8
9.2
9.6
10.0
10.4
10.8
11.2
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 4. VCC Decreasing Level at which the
Current Source Turns−on versus Temperature
0.40
0.60
0.80
1.00
1.20
1.40
1.60
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 5. Internal IC Consumption, No Output
Load on Pin 5 versus Temperature
7
1.30
1.50
1.70
1.90
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 6. Internal IC Consumption, Output
Load on Pin 5 versus Temperature
2.10
2.30
1.10
TEMPERATURE (
°C)
Figure 7. Internal Startup Current Source,
VCC = 10 V versus Temperature
2
3
4
5
6
7
8
9
10
11
12
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 8. Maximum Internal Current Setpoint
versus Temperature
0.90
0.95
1.00
1.05
1.10
1.15
1.20
−50
−25
0
25
50
75
100
125


Similar Part No. - NCP1207P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207P ONSEMI-NCP1207P Datasheet
206Kb / 18P
   PWM Current-Mode Controller
October, 2004 ??Rev. 8
NCP1207PG ONSEMI-NCP1207PG Datasheet
206Kb / 18P
   PWM Current-Mode Controller
October, 2004 ??Rev. 8
More results

Similar Description - NCP1207P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com