Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39191B5087H810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39191B5087H810
Description  SAW IF filter for base stations
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39191B5087H810 Datasheet(HTML) 2 Page - TDK Electronics

  B39191B5087H810 Datasheet HTML 1Page - TDK Electronics B39191B5087H810 Datasheet HTML 2Page - TDK Electronics B39191B5087H810 Datasheet HTML 3Page - TDK Electronics B39191B5087H810 Datasheet HTML 4Page - TDK Electronics B39191B5087H810 Datasheet HTML 5Page - TDK Electronics B39191B5087H810 Datasheet HTML 6Page - TDK Electronics B39191B5087H810 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Sep 03, 2010
B5087
192.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Application
s
Low-loss IF filter for WCDMA base station
s
Usable passband 60 MHz
s
Balanced or unbalanced operation possible
Features
s
Package size 7.0 x 5.0 x 1.33 mm3
s
Package code QCC12E
s
RoHS compatible
s
Approx. weight 0.25 g
s
Ceramic package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
Pin configuration
s
10
Input
s
12
Input ground or input balance
s
4
Output
s
6
Output ground or output balance
s
2, 3, 8, 9
To be grounded
s
1, 5, 7, 11
Case ground
10
12
4
6
1,5,7,11


Similar Part No. - B39191B5087H810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39191B5087H810 EPCOS-B39191B5087H810 Datasheet
62Kb / 7P
   SAW IF filter WCDMA
More results

Similar Description - B39191B5087H810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39191B5260H810 TDK-B39191B5260H810 Datasheet
80Kb / 7P
   SAW IF filter for base stations
B39181B5268H810 TDK-B39181B5268H810 Datasheet
184Kb / 10P
   SAW IF filter for base stations
B39181B5258H810 TDK-B39181B5258H810 Datasheet
125Kb / 7P
   SAW IF filter for base stations
logo
EPCOS
B5258 EPCOS-B5258 Datasheet
122Kb / 7P
   SAW IF filter for base stations
logo
TDK Electronics
B39231B5261H810 TDK-B39231B5261H810 Datasheet
129Kb / 7P
   SAW Components SAW IF filter for base stations
B39141B5233H810 TDK-B39141B5233H810 Datasheet
146Kb / 7P
   SAW Components SAW IF filter for base stations
B39311B5254H810 TDK-B39311B5254H810 Datasheet
124Kb / 7P
   SAW Components SAW IF filter for base stations
logo
EPCOS
B5106 EPCOS-B5106 Datasheet
81Kb / 8P
   SAW IF Filter for Base Stations WiMax
logo
TDK Electronics
B39181B5262H810 TDK-B39181B5262H810 Datasheet
122Kb / 7P
   SAW IF filters for base stations
B39202B5184U410 TDK-B39202B5184U410 Datasheet
112Kb / 7P
   SAW RF filter for base stations
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com