Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199-25VI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C199-25VI
Description  32K x 8 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199-25VI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C199-25VI Datasheet HTML 1Page - Cypress Semiconductor CY7C199-25VI Datasheet HTML 2Page - Cypress Semiconductor CY7C199-25VI Datasheet HTML 3Page - Cypress Semiconductor CY7C199-25VI Datasheet HTML 4Page - Cypress Semiconductor CY7C199-25VI Datasheet HTML 5Page - Cypress Semiconductor CY7C199-25VI Datasheet HTML 6Page - Cypress Semiconductor CY7C199-25VI Datasheet HTML 7Page - Cypress Semiconductor CY7C199-25VI Datasheet HTML 8Page - Cypress Semiconductor CY7C199-25VI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY7C199
Document #: 38-05160 Rev. *A
Page 2 of 13
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential
(Pin 28 to Pin 14) ........................................... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State[1] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[1].................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature[2]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C
5V
± 10%
Military
–55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range (-8, -10, -12, -15)[3]
Parameter
Description
Test Conditions
7C199-8
7C199-10
7C199-12
7C199-15
Unit
Min. Max. Min. Max. Min. Max. Min. Max.
VOH
Output HIGH Voltage
VCC = Min., IOH=–4.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL=8.0 mA
0.40.4
0.40.4
V
VIH
Input HIGH Voltage
2.2
VCC
+0.3V
2.2
VCC
+0.3V
2.2
VCC
+0.3V
2.2
VCC
+0.3V
V
VIL
Input LOW Voltage
–0.5
0.8
–0.5
0.8
–0.5
0.8
–0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–5
+5
–5+5
–5+5
–5+5
µA
IOZ
Output Leakage Current GND < VO < VCC, Output
Disabled
–5
+5
–5+5
–5+5
–5+5
µA
ICC
VCC Operating Supply
Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
Com’l
120
110
160
155
mA
L
85
85
100
mA
Mil
180
mA
ISB1
Automatic CE
Power-down Current—
TTL Inputs
Max. VCC, CE >
VIH, VIN > VIH or
VIN < VIL, f = fMAX
Com’l
5
5
30
30
mA
L
55
5
mA
ISB2
Automatic CE
Power-down Current—
CMOS Inputs
Max. VCC,
CE > VCC – 0.3V
VIN > VCC – 0.3V
or VIN < 0.3V, f = 0
Com’l
0.5
0.5
10
10
mA
L
0.05
0.05
0.05
0.05
mA
Mil
15
mA
Electrical Characteristics Over the Operating Range (-20, -25, -35, -45) [3]
Parameter
Description
Test Conditions
7C199-20
7C199-25
7C199-35
7C199-45
Unit
Min. Max. Min. Max. Min. Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA 2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+0.3V
2.2
VCC
+0.3V
2.2
VCC
+0.3V
2.2
VCC
+0.3V
V
VIL
Input LOW Voltage
–0.5
0.8
-0.5
0.8
-0.5
0.8
-0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–5+5
–5+5
–5+5
–5+5
µA
IOZ
Output Leakage Current
GND < VI < VCC, Output
Disabled
–5+5
–5+5
–5+5
–5+5
µA
ICC
VCC Operating Supply
Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
Com’l
150
150
140
140
mA
L90
80
70
70
mA
Mil
170
150
150
150
mA
Shaded area contains advance information.
Notes:
1.
VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2.
TA is the “instant on” case temperature.
3.
See the last page of this specification for Group A subgroup testing information.


Similar Part No. - CY7C199-25VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199-25VC CYPRESS-CY7C199-25VC Datasheet
315Kb / 16P
   32K x 8 Static RAM
More results

Similar Description - CY7C199-25VI

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com