Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39182B8656P810 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39182B8656P810
Description  SAW Duplexer SAW Duplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39182B8656P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39182B8656P810 Datasheet HTML 1Page - TDK Electronics B39182B8656P810 Datasheet HTML 2Page - TDK Electronics B39182B8656P810 Datasheet HTML 3Page - TDK Electronics B39182B8656P810 Datasheet HTML 4Page - TDK Electronics B39182B8656P810 Datasheet HTML 5Page - TDK Electronics B39182B8656P810 Datasheet HTML 6Page - TDK Electronics B39182B8656P810 Datasheet HTML 7Page - TDK Electronics B39182B8656P810 Datasheet HTML 8Page - TDK Electronics B39182B8656P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
November 17, 2014
B8656
1747.5 / 1842.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Datasheet
1920.0
... 1980.0
MHz
24
32
dB
2110.0
... 2170.0
MHz
24
33
dB
2400.0
... 2500.0
MHz
26
30
dB
2440.0
... 2494.0
MHz
26
30
dB
2500.0
... 2570.0
MHz
25
30
dB
2620.0
... 2690.0
MHz
24
29
dB
3420.0
... 3570.0
MHz
21
24
dB
4900.0
... 5950.0
MHz
12
22
dB
5100.0
... 5385.0
MHz
12
25
dB
5130.0
... 5355.0
MHz
12
25
dB
6840.0
... 7140.0
MHz
23
dB
8550.0
... 8925.0
MHz
24
dB
10260.0
... 10710.0
MHz
–27–
dB
11970.0
... 12495.0
MHz
35
dB
1) Specified values are valid for a testing power of +10dBm
2) Averaged value of linear s-parameter over 5 MHz
3) Valid in the temperature range from 0˚C to 85˚C
4) Alternative matching 140
Ω (balanced) ||10 nH
Characteristics TX-ANT 1)
min.
typ.
@ 25˚C
max.


Similar Part No. - B39182B8656P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8018P810 TDK-B39182B8018P810 Datasheet
237Kb / 12P
   SAW Duplexer for Smallcell
B39182B8019P810 TDK-B39182B8019P810 Datasheet
236Kb / 12P
   SAW Duplexer for Femtocell and Smallcell
B39182B8088P810 TDK-B39182B8088P810 Datasheet
281Kb / 16P
   SAW duplexer
B39182B8529P810 TDK-B39182B8529P810 Datasheet
380Kb / 14P
   SAW Duplexer
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
More results

Similar Description - B39182B8656P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com