Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39182B8088P810 Datasheet(PDF) 9 Page - TDK Electronics

Part # B39182B8088P810
Description  SAW duplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39182B8088P810 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B39182B8088P810 Datasheet HTML 5Page - TDK Electronics B39182B8088P810 Datasheet HTML 6Page - TDK Electronics B39182B8088P810 Datasheet HTML 7Page - TDK Electronics B39182B8088P810 Datasheet HTML 8Page - TDK Electronics B39182B8088P810 Datasheet HTML 9Page - TDK Electronics B39182B8088P810 Datasheet HTML 10Page - TDK Electronics B39182B8088P810 Datasheet HTML 11Page - TDK Electronics B39182B8088P810 Datasheet HTML 12Page - TDK Electronics B39182B8088P810 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
August 05, 2013
B8088
1747.5 / 1842.5 MHz
SAW Components
SAW duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Storage temperature range
Tstg
–40 / +85 ˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115B (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
VESD
3002)
2) acc. to JESD22-A114F (human body model), 1 negative & 1 positive pulse.
V
human body model, 1 pulse
Input Power at
PIN
1710.0 ... 1785.0 MHz
29
dBm
continuous wave
T = 55˚C, 5.000 h
elsewhere
10
dBm
}


Similar Part No. - B39182B8088P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8018P810 TDK-B39182B8018P810 Datasheet
237Kb / 12P
   SAW Duplexer for Smallcell
B39182B8019P810 TDK-B39182B8019P810 Datasheet
236Kb / 12P
   SAW Duplexer for Femtocell and Smallcell
More results

Similar Description - B39182B8088P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com