Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACH210 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MACH210
Description  44 pin QFP socket/28 pin DIP 0.6??plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MACH210 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MACH210 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev 1/28/97
Page 1 of 1
Supported Device/Footprints
Using this adapter, the AMD MACH110, 210 & 215 in the QFP
package can be programmed on DIP programmers.
Device
Footprint
Mfgr
Device
Package Device
Plug
AMD
MACH 110,
210 & 215
QFP
MACH 110,
210 & 215
AMD spec'd
28 DIP 0.6"
The QFP socket accepts packages with the dimensions listed
below:
Body
Knee
Tip
Pitch
10.0 mm typical 11.0 mm typical
11.6 maximum
12 mm typical
13.2 maximum
0.8 mm
Adapter Dimensions
Adapter Construction
The adapter is made up of 3 sub-assemblies. They assemble via
connectors making the adapter modular. This way the sub-
assemblies can be replaced when they wear out.
When disassembling the adapter take care not to bend the pins.
When reassembling the adapter note the pin 1 indicators to align
the parts correctly.
Test Socket
Lidded QFP test socket:
Enplas Part #: FPQ-44-0.8-06T
LSC Part #: 44QF-06T
44QFP-6T
Accepts the test socket and connects to the bottom board.
MACH210 BASE
Performs the wiring shown in the Adapter Wiring section.
Adapter Wiring
The following chart shows the connections from the QFP device
to the adapter’s DIP plug.
DEVICE
SIGNAL
PLUG
DEVICE
SIGNAL
PLUG
39
GND
14
17
GND
14
40
I/O 0
12
18
I/O 16
11
41
10K
14
19
10K
14
42
I/O 2
13
20
I/O 18
15
43
10K
14
21
10K
14
44
1/O 4
18
22
I/O 20
16
1
10K
14
23
10K
14
2
I/O 6
19
24
I/O 22
17
3
I/O 7
20
25
I/O 23
21
4
VPP
2
26
MD1
4
5
MD0
3
27
MD2
5
6
GND
14
28
GND
14
7
CLK0
1
29
CLK1
27
8
I/O 8
6
30
1/O 24
22
9
I/O 9
7
31
1/O 25
23
10
10K
14
32
10K
14
11
I/O 11
8
33
I/O 27
24
12
10K
14
34
10K
14
13
I/O 13
9
35
I/O 29
25
14
10K
14
36
10K
14
15
I/O 15
10
37
I/O 31
26
16
VCC
28
38
VCC
28
VCC to GND has a 0.1uf capacitor.
PA-MACH210-Q06T Data Sheet
44 pin QFP socket/28 pin DIP 0.6” plug
www.adapt-plus.com
dapters-Plus
15 W 8th Street STE B
Tracy, Ca 95376
ph.209-839-0200
fax.209-839-0235
WWW.ADAPT-PLUS.COM


Similar Part No. - MACH210

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH210-12 AMD-MACH210-12 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH210-12JC LATTICE-MACH210-12JC Datasheet
347Kb / 47P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH210-12JI AMD-MACH210-12JI Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
MACH210-14JI AMD-MACH210-14JI Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
MACH210-15 AMD-MACH210-15 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA40-44-P64-DZ-QF ETC2-PA40-44-P64-DZ-QF Datasheet
78Kb / 1P
   40 pin DIP socket/44 pin QFP plug
PA44QF03-44QF ETC2-PA44QF03-44QF Datasheet
37Kb / 1P
   44 pin QFP socket/44 pin QFP plug
PA40DZ-44QF-34 ETC2-PA40DZ-44QF-34 Datasheet
42Kb / 1P
   40 pin DIP socket/44 pin QFP plug
PA48QD-806 ETC2-PA48QD-806 Datasheet
30Kb / 1P
   48 pin QFP socket/48 pin DIP 0.6??plug
PA28SS-P55 ETC2-PA28SS-P55 Datasheet
28Kb / 1P
   28 Pin SSOP socket/28 Pin DIP 0.6??plug
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
   28 pin PLCC socket/28 pin DIP 0.6??plug
PA51-44 ETC2-PA51-44 Datasheet
36Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PD ETC2-PA44-40-33-PD Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA17C42-PD ETC2-PA17C42-PD Datasheet
34Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-01-PD ETC2-PA44-40-01-PD Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com