Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4240IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4240IGN
Description  CompactPCI Hot Swap Controller with I2C Compatible Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4240IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4240IGN Datasheet HTML 6Page - Linear Technology LTC4240IGN Datasheet HTML 7Page - Linear Technology LTC4240IGN Datasheet HTML 8Page - Linear Technology LTC4240IGN Datasheet HTML 9Page - Linear Technology LTC4240IGN Datasheet HTML 10Page - Linear Technology LTC4240IGN Datasheet HTML 11Page - Linear Technology LTC4240IGN Datasheet HTML 12Page - Linear Technology LTC4240IGN Datasheet HTML 13Page - Linear Technology LTC4240IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC4240
10
4240f
65mV,
TIMER LO
165mV,
TIMER HI
Q8
Q14
VEEIN
4
TIMER
5
VEEOUT
25
3VOUT
24
5VOUT
6
+
+–
Q11
Q10
200
µA
65
µA
GATE
5VOUT
55mV
12Vin
19
5VSENSE
20
12VIN
3
12VOUT
26
5VIN
21
+
+–
+–
4.3V
UVL
–9V
UVL
8V
UVL
+
+–
3VOUT
55mV
3VSENSE
23
3VIN
22
RESETOUT
14
1
9
11
13
2
+
+
+–
+–
2.45V
UVL
Q6
1V
1.2V
1.2V
+
1.2V
+
1.2V
+
LED
15
Q5
DGND
16
Q3
Q2
SDA
SCL
ADDRIN
PRSNT2#
PRSNT1#
BE
12
Q4
RESETIN 27
PWRGD 8
Q12
FAULT 7
Q13
OFF/ON 28
Q7
Q9
11.5
µA
12VIN
GND
10
DRIVE
17
PRECHARGE
4240 BD
18
LOGIC
Q1
CP3
CP2
CP4
A2
A1
CP1
CP6
CP5
A3
VCB
VCB
70mV,
TIMER LO
165mV,
TIMER HI
BLOCK DIAGRA


Similar Part No. - LTC4240IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
More results

Similar Description - LTC4240IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com